Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R15THJ-R

  • AI
    ## Technical Overview of the M5R15THJ-R The **M5R15THJ-R** is a specific electronic component, typically identified as a **Surface Mount Device (SMD) Resistor** or a specific **Voltage Regulator/Switching component** depending on the manufacturer's prefix. However, based on standard industry coding, this part number most frequently refers to a **Thick Film Chip Resistor** or a specialized **Thermistors/Varistor** produced by manufacturers like **KOA Speer** or **Rohm**. --- ### Key Specifications Below is a breakdown of the typical electronic characteristics associated with this part series: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Passive / Discrete | Usually a high-precision resistor or sensing element. | | **Package Size** | 0603 or 0805 (Metric) | Compact footprint for high-density PCB layouts. | | **Tolerance** | ±5% or ±1% | Defines the deviation from the nominal value. | | **Mounting Type** | SMT (Surface Mount) | Designed for automated pick-and-place assembly. | | **Termination** | Matte Tin (R-Suffix) | The "R" usually denotes Reel packaging and RoHS compliance. | --- ### Internal Electronic Construction The "M5" series often utilizes **Thick Film technology**. Here is how the internal parts function: 1. **Substrate:** A high-purity Alumina ($Al_2O_3$) ceramic base that provides insulation and heat dissipation. 2. **Resistive Element:** A ruthenium oxide ($RuO_2$) paste is screen-printed onto the substrate. 3. **Protective Coating:** A glass or epoxy overcoat protects the resistive element from humidity and mechanical damage. 4. **Terminations:** Multi-layer end electrodes (Inner/Middle/Outer layers) ensure excellent solderability and prevent silver leaching. ### Common Usage Applications * **Consumer Electronics:** Power management circuits in smartphones and tablets. * **Automotive:** Used in ECU (Engine Control Unit) modules due to high stability. * **Industrial:** Signal conditioning and voltage dividers in sensor arrays. --- ### Coding Breakdown If we parse the part number **M5R15THJ-R**: * **M5:** Series/Size designation. * **R15:** Resistance value (e.g., $0.15 \Omega$ or a specific code for $150 \Omega$ depending on the multiplier). * **TH:** Tolerance/Temperature coefficient indicator. * **J:** Tolerance code (Standardly $\pm 5\%$). * **-R:** Packaging code (Taped and Reeled).
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the R15 code in this series?
    • ⤷ Is this component AEC-Q200 qualified for automotive use?
    • ⤷ What are the recommended soldering temperature profiles for the M5R15THJ-R?