Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R15TPJ-R

  • AI
    The **M5R15TPJ-R** is a high-performance **Surface Mount Device (SMD) Power Inductor**, part of the M5R series typically manufactured by companies like Coilmaster or similar magnetic component specialists. These are engineered for high-current applications where space is limited. --- ### 1. Key Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 1.5 µH (Standard for this series) | | **Tolerance** | ±20% (indicated by 'M' in some coding, though often implied) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Core Material** | Carbonyl Powder / Metal Alloy (high saturation properties) | | **Operating Temp** | -40°C to +125°C (including self-heating) | --- ### 2. Core Electronic Characteristics #### A. High Saturation Current ($I_{sat}$) The "R" suffix and the metal alloy construction allow the inductor to maintain its inductance even when high levels of DC current flow through it. Unlike traditional ferrite cores that have a sharp "saturation cliff," these parts exhibit a **soft saturation** curve. #### B. Low DC Resistance (DCR) The internal windings are designed to have minimal resistance. This is critical for: * Reducing power loss (heat). * Increasing overall efficiency in power conversion stages. #### C. Magnetic Shielding The part is molded or enclosed in a magnetic resin. This prevents the magnetic flux generated by the inductor from interfering with nearby sensitive components (like microprocessors or sensors) and reduces Electromagnetic Interference (EMI). --- ### 3. Application Use Cases The M5R15TPJ-R is primarily found in high-efficiency power management circuits: 1. **DC-DC Converters:** Used in "Buck" (Step-down) or "Boost" (Step-up) converters to store energy. 2. **GPU/CPU Power Supplies:** Providing stable current to high-speed processors. 3. **Industrial Electronics:** Compact power modules where heat dissipation and space are primary concerns. 4. **Automotive Infotainment:** In systems requiring robust performance under varying temperatures. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary slightly by manufacturer, the code generally follows this logic: * **M5R:** Series identifier (Metal Alloy Molded type). * **15:** Size code (usually refers to dimensions, e.g., 5.x mm footprint). * **1R5:** Inductance value (1.5 microhenries). * **PJ-R:** Packaging/Tolerance/RoHS Compliance indicator (Tape & Reel). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the M5R15TPJ-R?
    • ⤷ How does a metal alloy inductor differ from a traditional ferrite inductor?
    • ⤷ What are the physical dimensions of the M5R series footprint?