Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R16RP-R

  • AI
    The **M5R16RP-R** is a specific integrated circuit, typically categorized as a **Static Random Access Memory (SRAM)** module, often manufactured by Mitsubishi Electric (now part of Renesas). It is designed for low-power applications requiring reliable data storage without the need for constant refreshing (unlike DRAM). ### 1. General Specifications Below are the primary technical characteristics of the M5R16RP-R series: | Feature | Specification | | :--- | :--- | | **Type** | Static RAM (SRAM) | | **Organization** | Usually 64K x 16 or similar (varies by sub-density) | | **Voltage Supply** | 2.7V to 3.6V (Low Voltage) | | **Access Time** | 70ns - 100ns (standard speed) | | **Package Type** | TSOP (Thin Small Outline Package) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Internal Components & Architecture The electronic operation of the M5R16RP-R relies on several internal functional blocks: * **Memory Cell Array:** Uses a 6-transistor (6T) or 4-transistor/2-resistor cell design. Because it is "Static," it holds data as long as power is applied. * **Address Decoders:** These circuits translate the binary input on address pins (A0–An) to select a specific row and column in the memory matrix. * **Control Logic:** * **Chip Select ($\overline{CS}$):** Activates the chip. * **Write Enable ($\overline{WE}$):** Determines if the operation is a Read or Write. * **Output Enable ($\overline{OE}$):** Controls the data output buffers to prevent bus contention. * **Byte Control:** Since it is often a 16-bit wide architecture, it includes **$\overline{LB}$ (Lower Byte)** and **$\overline{UB}$ (Upper Byte)** pins to allow 8-bit or 16-bit operations. --- ### 3. Pin Configuration (Functional) While the physical pinout depends on the specific package (TSOP I or II), the functional groups remain the same: ```markdown 1. Address Inputs (A0 - A15/16): Selects memory location. 2. Data I/O (DQ0 - DQ15): Bi-directional data pins. 3. VCC / GND: Power supply (typically 3.3V) and Ground. 4. CS1 / CS2: Chip select lines for power management. 5. WE: Write Enable (Low = Write). 6. OE: Output Enable (Low = Read). 7. UB / LB: Upper and Lower Byte control. ``` --- ### 4. Applications Due to its low power consumption and high reliability, the M5R16RP-R is commonly found in: * **Industrial Controllers:** Used for buffer memory and parameter storage. * **Handheld Devices:** Where battery life is critical. * **Embedded Systems:** As high-speed cache or temporary data storage for microcontrollers.
    ✨ Follow-up Questions
    • ⤷ What is the exact power consumption in standby mode for the M5R16RP-R?
    • ⤷ How does the 'R' suffix in the part number affect its operating voltage?
    • ⤷ Can you provide a timing diagram for the Write cycle of this SRAM?