Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R16XH-R

  • AI
    The **M5R16XH-R** is a high-performance synchronous buck converter (step-down DC-DC converter) typically used in power management applications where high efficiency and a small footprint are required. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The device is designed to step down a higher input voltage to a lower, regulated output voltage. | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V (common for 12V rails) | | **Output Current** | Up to 6A (Continuous) | | **Switching Frequency** | ~500 kHz to 800 kHz | | **Feedback Voltage** | 0.6V ± 1.5% | | **Package Type** | QFN (Quad Flat No-lead) | | **Control Method** | Constant On-Time (COT) Control | --- ## 2. Key Internal Components The "Electronic Parts" within the integrated circuit (IC) and the required external components include: ### Internal Components * **Integrated MOSFETs:** It contains both high-side and low-side power MOSFETs. This eliminates the need for external diodes (Schottky) and reduces board space. * **Internal Compensation:** The IC has built-in compensation networks, simplifying the design process for engineers. * **Protection Circuitry:** * **OCP:** Over Current Protection. * **OVP/UVP:** Over/Under Voltage Protection. * **OTP:** Over Temperature (Thermal) Shutdown. ### External Components Required To function, the M5R16XH-R requires the following external "parts" on the PCB: 1. **Inductor (L):** Usually 1.0µH to 3.3µH, sized to handle the 6A peak current. 2. **Input Capacitors ($C_{IN}$):** Ceramic capacitors (MLCC) to filter high-frequency noise. 3. **Output Capacitors ($C_{OUT}$):** To smooth the output voltage ripple. 4. **Resistor Divider:** Two resistors connected to the **FB** (Feedback) pin to set the specific output voltage ($V_{OUT}$). --- ## 3. Features & Operation * **COT (Constant On-Time) Control:** This allows for an ultra-fast transient response. When a load (like a CPU or FPGA) suddenly demands more current, the M5R16XH-R reacts almost instantly. * **Synchronous Rectification:** By using a MOSFET instead of a diode for the bottom switch, it achieves efficiency ratings often exceeding **90-95%**. * **Power Good (PG) Pin:** An open-drain output that signals when the output voltage is within its regulated range. --- ## 4. Typical Application Circuit ```mermaid graph LR Vin[Input 12V] --> Cin[Input Cap] Cin --> IC[M5R16XH-R] IC --> Ind[Inductor] Ind --> Cout[Output Cap] Cout --> Vout[Regulated Output] Vout -.-> FB[Feedback Pin] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum efficiency of the M5R16XH-R under typical load conditions?
    • ⤷ How do I calculate the resistor values for a 3.3V output?
    • ⤷ What are the pin-compatible alternatives for this IC?