Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R16XPJ-R

  • AI
    The **M5R16XPJ-R** is an integrated circuit, specifically a **Static Random Access Memory (SRAM)** chip. This part is commonly used in industrial control systems, networking hardware, and legacy computing environments where high-speed, low-power data storage is required without the need for refresh cycles (unlike DRAM). --- ### 1. Technical Specifications The following table outlines the key technical parameters for the M5R16XPJ-R: | Feature | Specification | | :--- | :--- | | **Memory Type** | SRAM (Static RAM) | | **Organization** | Likely 64K x 16 or 1M x 16 (Series dependent) | | **Voltage Supply** | Typically 3.3V or 5.0V | | **Access Time** | 10ns - 15ns (High Speed) | | **Package Type** | SOJ (Small Outline J-lead) | | **Pin Count** | 44-pin or 48-pin | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Key Internal Components The electronic architecture of this part consists of several functional blocks: 1. **Memory Cell Array:** A matrix of 6-transistor (6T) cells that store bits of data using flip-latch circuitry. 2. **Address Decoders:** Circuits that interpret the incoming address signals to select specific rows and columns in the memory array. 3. **I/O Control Logic:** Manages the Data Input/Output pins based on control signals like **WE** (Write Enable), **OE** (Output Enable), and **CE** (Chip Enable). 4. **Sense Amplifiers:** High-sensitivity circuits that amplify the small voltage differences from the memory cells during a "Read" operation to provide a valid logic level. --- ### 3. Pin Functionality While specific pinouts vary by manufacturer (often Renesas or Mitsubishi for the M-series), the standard pin roles are: * **A0 - An:** Address Inputs (used to select the memory location). * **I/O0 - I/O15:** Data Inputs/Outputs (bi-directional bus). * **#CS / #CE:** Chip Select (activates the chip). * **#WE:** Write Enable (triggers the data storage process). * **#OE:** Output Enable (allows data to be read from the pins). * **Vcc/Vss:** Power supply and Ground. --- ### 4. Application Use Cases * **Cache Memory:** Used in embedded systems for temporary high-speed data buffering. * **FPGA Configuration:** Storing lookup tables or temporary variables for logic gates. * **Industrial Automation:** Retaining system state parameters in PLCs (Programmable Logic Controllers).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M5R16XPJ-R?
    • ⤷ How does the 'J-lead' package impact the PCB soldering process?
    • ⤷ What is the maximum power consumption during an active Write cycle for this chip?