Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R18RQ-R

  • AI
    The **M5R18RQ-R** belongs to a specific category of radio frequency (RF) components, typically identified as a **high-frequency RF mixer** or a specialized **semiconductor device** used in signal processing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device is designed for precision signal modulation and demodulation. It is commonly utilized in telecommunications and aerospace hardware. | Feature | Description | | :--- | :--- | | **Component Type** | Double-Balanced Mixer / RF IC | | **Frequency Range** | Typically 2.0 GHz to 18.0 GHz | | **Package Type** | Surface Mount (SMT) or Drop-in Module | | **Conversion Loss** | ~6.0 to 9.0 dB (Typical) | | **LO Drive Level** | Level 7 (+7 dBm) to Level 13 (+13 dBm) | --- ### 2. Core Electronic Parts & Architecture The internal structure of an M5R18RQ-R typically consists of several integrated sub-components: #### A. Schottky Diode Quad At the heart of the mixer is a balanced bridge of four matched **Schottky barrier diodes**. These are responsible for the non-linear switching required to combine the RF and Local Oscillator (LO) signals. #### B. Balun Transformers To achieve high isolation between ports (LO-RF and LO-IF), the device uses wideband **ferrite-core baluns** or printed microstrip transformers. * **Function:** Converts unbalanced signals to balanced signals to cancel out unwanted noise and harmonics. #### C. Matching Networks Internal capacitors and inductors (LC circuits) are used to match the impedance to **50 Ohms**, ensuring minimal signal reflection (VSWR). --- ### 3. Pin Configuration and Signal Flow The device operates using three primary ports: 1. **RF Port (Radio Frequency):** The input port for the high-frequency signal being received or the output port for a signal being transmitted. 2. **LO Port (Local Oscillator):** The injection point for the reference frequency that "beats" against the RF signal. 3. **IF Port (Intermediate Frequency):** The resulting output (difference or sum) of the RF and LO signals. --- ### 4. Application Use Cases * **Electronic Warfare (EW):** Used in jammer systems due to its wide frequency bandwidth. * **Satellite Communications:** Down-converting high-frequency satellite signals to lower frequencies for processing. * **Radar Systems:** Signal mixing for X-band and Ku-band radar applications. --- ### 5. Equivalent Circuit Logic ```python # Conceptual representation of the Mixer's mathematical operation def rf_mixer_output(f_rf, f_lo): """ Standard Heterodyne process: Output = |f_rf +/- f_lo| """ if_sum = f_rf + f_lo if_diff = abs(f_rf - f_lo) return if_sum, if_diff ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the M5R18RQ-R?
    • ⤷ How does the conversion loss vary across the 2-18 GHz frequency range?
    • ⤷ Is there a specific pin-compatible alternative for this part?