Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R18TL-R

  • AI
    The **M5R18TL-R** belongs to a specific category of electronic components, typically associated with **Schottky Barrier Diodes** or specialized power management parts often found in automotive and industrial power supplies. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M5R18TL-R is a surface-mount component designed for high-efficiency power rectification. It is optimized for low forward voltage drop to minimize power loss. | Feature | Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Diode | | **Package Type** | Often PMDS / SOD-123 or similar SMD | | **Configuration** | Single Diode | | **RoHS Status** | Compliant (Lead-Free) | ### 2. Key Electrical Characteristics These values are critical for circuit design and heat dissipation calculations: * **Maximum Peak Reverse Voltage ($V_{RRM}$):** Typically rated around **180V to 200V** (depending on the specific series suffix). * **Average Rectified Forward Current ($I_{O}$):** Usually rated for high current density relative to package size (approx **1.0A to 5.0A**). * **Forward Voltage Drop ($V_F$):** Low threshold, typically between **0.7V and 0.9V** at rated current. * **Reverse Leakage Current ($I_R$):** Minimal current flow in the reverse direction, enhancing efficiency in battery-powered devices. ### 3. Application Use Cases Due to its switching speed and efficiency, this part is commonly used in: 1. **DC-DC Converters:** Used as a freewheeling diode to handle inductive loads. 2. **Reverse Polarity Protection:** Protecting sensitive circuitry from battery reversal. 3. **High-Frequency Rectification:** Converting AC or pulsed signals to DC in switching power supplies (SMPS). 4. **Clamping Circuits:** Limiting voltage spikes in signal lines. --- ### 4. Mechanical & Thermal Properties * **Operating Junction Temperature ($T_j$):** Typically ranges from **-55°C to +150°C**. * **Storage Temperature:** Similar range, ensuring stability in harsh environments. * **Soldering:** Compatible with standard reflow soldering profiles. ### 5. Equivalent/Alternative Parts If this specific part is unavailable, designers often look for alternatives within the same package footprint: * SS32 - SS320 Series (General Purpose Schottky) * MBRS Series (OnSemi/Vishay equivalents) ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Maximum Reverse Voltage (Vrrm) for the R-suffix variant?
    • ⤷ Can you provide the pinout diagram for the SOD-123 package version?
    • ⤷ What are the thermal resistance values for this component?