Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R18ZP-R

  • AI
    The **M5R18ZP-R** is a specific electronic component primarily identified as a **Zener Diode** or a specialized voltage regulation device, often found in automotive and industrial power supply circuits. Below is a detailed breakdown of its electronic characteristics. ### 1. Component Overview The "M5R" series typically refers to Surface Mount (SMD) Zener diodes designed for high-reliability environments. These parts are engineered to provide a stable reference voltage and protect sensitive downstream components from voltage spikes. --- ### 2. Technical Specifications While exact parameters can vary slightly by manufacturer (such as Rohm or ON Semi), the general specifications for this part number are as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Zener Diode | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Style** | Usually SOD-123 or SOT-23 | | **Zener Voltage ($V_z$)** | Approximately 18V | | **Power Dissipation ($P_d$)** | 500mW (Standard for M5R series) | | **Tolerance** | $\pm$5% (standard for "Z" suffix) | | **Operating Temperature** | -55°C to +150°C | --- ### 3. Key Electronic Functions * **Voltage Regulation:** The primary role is to maintain a fixed output voltage of 18V. When the input voltage exceeds 18V, the diode enters its "breakdown" region and shunts excess current to ground. * **Overvoltage Protection:** It acts as a "clamp," preventing transient voltage spikes from damaging integrated circuits (ICs) that cannot handle more than 18V. * **Reference Voltage:** It can be used in the feedback loop of a power converter to provide a stable 18V baseline for comparison. --- ### 4. Circuit Implementation In a typical application, the M5R18ZP-R is placed in **reverse bias** across the load. A series resistor is usually required to limit the current flowing through the diode to prevent thermal runaway. ```mermaid graph LR Vin[Input Voltage] --> R1[Resistor] R1 --> Out[Regulated 18V Out] Out --> D1[M5R18ZP-R] D1 --> GND[Ground] ``` ### 5. Part Number Decoding (Typical) * **M5:** Often indicates the manufacturer's series or power rating (e.g., 500mW). * **R:** Indicates the packaging format (Reel/Surface Mount). * **18:** Represents the Zener Voltage (18 Volts). * **ZP:** Indicates the tolerance and Silicon construction. * **-R:** Usually signifies "RoHS Compliant" or "Tape and Reel" packaging. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current this diode can handle before failing?
    • ⤷ Can this diode be used for AC to DC rectification?
    • ⤷ What are the common alternatives if the M5R18ZP-R is out of stock?