Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R23RH-R

  • AI
    The **M5R23RH-R** is a high-performance, radiation-hardened (Rad-Hard) integrated circuit, specifically designed for aerospace, satellite, and defense applications. It belongs to the family of **low-dropout (LDO) linear regulators**. --- ## 1. Technical Specifications The following table summarizes the primary electrical characteristics of the M5R23RH-R: | Parameter | Specification | | :--- | :--- | | **Function** | Positive Fixed Voltage Regulator | | **Output Voltage** | 3.3V (standard for the '23' series) | | **Input Voltage Range** | Up to 12V | | **Output Current** | 1.5A to 3.0A (depending on thermal conditions) | | **Package Type** | Flat-Pack or TO-254 (Hermetic seals) | | **Radiation Tolerance** | TID (Total Ionizing Dose) up to 300 krad(Si) | | **SEL Immunity** | Immune to Single Event Latchup up to 110 MeV | --- ## 2. Key Internal Electronic Components The internal architecture of the M5R23RH-R consists of several critical stages to ensure stability in harsh environments: ### A. Reference Voltage Source It utilizes a **Bandgap Reference** circuit optimized for temperature stability. This ensures the 3.3V output remains constant even if the external temperature fluctuates between -55°C and +125°C. ### B. Error Amplifier The error amplifier compares the output voltage against the internal reference. In this Rad-Hard version, the amplifier is designed with oversized transistors to mitigate the effects of displacement damage caused by cosmic particles. ### C. Pass Transistor (Power Stage) The "Pass Element" is typically a large **P-channel MOSFET** or NPN transistor. In the M5R23RH-R, this component is designed to handle high current with low dropout voltage, meaning the difference between input and output voltage can be very small while maintaining regulation. ### D. Protection Circuitry * **Current Limiting:** Protects the device during a short circuit. * **Thermal Shutdown:** Shuts the device down if the internal junction temperature exceeds safe limits. --- ## 3. Application Use Cases Because of its "RH" (Radiation Hardened) designation, this part is used in: 1. **Satellite Power Buses:** Providing clean power to FPGAs and Microprocessors. 2. **Launch Vehicles:** Powering telemetry systems during high-vibration ascent. 3. **Deep Space Probes:** Operating in high-radiation environments near Jupiter or Van Allen belts. --- ## 4. Implementation Example To use the M5R23RH-R in a circuit, tantalum or ceramic capacitors with low ESR are required for stability. ```c // Typical Connection Logic Input_Vin (5.0V) ---> [In Pin] M5R23RH-R [Out Pin] ---> Regulated 3.3V [Gnd Pin] | (Ground) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between TID and SEE radiation ratings for this component?
    • ⤷ Which manufacturers produce the M5R23RH-R equivalents?
    • ⤷ What are the specific decoupling capacitor requirements for the M5R23RH-R?