Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R23RL-R

  • AI
    The **M5R23RL-R** is a specific electronic component, primarily recognized as a member of the **M5 Series** of industrial-grade limit switches or magnetic sensors (depending on the specific manufacturer, often associated with brands like Panasonic or specialized industrial sensor firms). Below is a technical breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "M5" designation usually refers to the **M5 metric thread** size of the sensor body, making it a miniature component designed for tight industrial spaces. | Feature | Description | | :--- | :--- | | **Component Type** | Reed Switch / Magnetic Proximity Sensor | | **Housing Material** | Stainless Steel or Nickel-Plated Brass | | **Thread Size** | M5 x 0.5 | | **Output Type** | Contact (Dry Contact / Reed) | | **Contact Form** | Normally Open (NO) | --- ### 2. Electrical Characteristics As a reed-based electronic part, it operates via magnetic induction rather than mechanical physical contact. * **Switching Voltage:** Typically supports up to 50V - 100V (AC/DC). * **Switching Current:** Generally rated for low current (e.g., 0.1A to 0.5A). * **Contact Resistance:** Low initial resistance, usually < 200 mΩ. * **Response Time:** Extremely fast (under 1ms), suitable for high-speed machine cycle monitoring. --- ### 3. Key Electronic Components & Construction #### A. Internal Reed Switch The core electronic element is a glass-encapsulated reed switch. When a magnetic field (from an actuator or moving machine part) approaches the tip, the internal metal reeds are drawn together, completing the circuit. #### B. The "R" Suffix (Resistor/Protection) In the part number **M5R23RL-R**, the trailing "R" often signifies: 1. **Built-in Resistor:** To limit inrush current and protect the contacts from welding. 2. **Reverse Polarity Protection:** If it contains an LED indicator, the internal circuitry prevents damage if wired backwards. #### C. Wiring Configuration The device typically uses a 2-wire or 3-wire lead system: * **Brown/Red:** Positive/VCC. * **Blue/Black:** Negative/Ground or Load. --- ### 4. Common Applications * **Pneumatic Cylinder Sensing:** Detecting the position of a piston. * **Robotic End-Effectors:** Confirming if a gripper is open or closed. * **Limit Detection:** Serving as a "Home" sensor for CNC or 3D printing axes. --- ### 5. Circuit Connection Example When connecting this to a PLC or Microcontroller (like an Arduino), a pull-up or pull-down resistor is often required if the internal "-R" value is insufficient for the logic level. ```cpp // Example: Logic for detecting M5R23RL-R state int sensorPin = 2; int state = 0; void setup() { pinMode(sensorPin, INPUT_PULLUP); // Use internal pullup if sensor is NO } void loop() { state = digitalRead(sensorPin); if (state == LOW) { // Sensor triggered by magnet } } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum switching frequency for the M5R23RL-R?
    • ⤷ Does this sensor require a specific magnetic polarity to trigger?
    • ⤷ What are the environmental IP ratings for this specific model?