Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R24RP-R

  • AI
    The **M5R24RP-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are foundational in power management circuits, specifically designed to handle high current while maintaining a small physical footprint. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The "M5R" series usually refers to high-current, low-profile molded power inductors. These are often used in **DC-DC converters** to store energy in the form of a magnetic field. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Construction** | Metal Alloy / Shielded Molded Body | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Carbonyl Iron or Metal Alloy Powder | | **Shielding** | Magnetically Shielded (Low EMI) | --- ### 2. Key Electrical Characteristics While specific values (like Inductance) depend on the digits following the series name, the **M5R24RP** architecture generally provides: * **High Saturation Current ($I_{sat}$):** Designed to handle large current spikes without the magnetic core "saturating" (losing its inductive properties). * **Low DC Resistance (DCR):** Uses flat wire or heavy gauge copper to minimize power loss through heat (Joule heating). * **High Frequency Performance:** Optimized for switching frequencies ranging from 100 kHz up to 5 MHz. * **Stability:** Excellent stability across a wide temperature range (typically -40°C to +125°C). --- ### 3. Application Areas These inductors are commonly found in high-performance electronics where space is limited but power demands are high: * **Computing:** Voltage Regulator Modules (VRM) for CPUs and GPUs. * **Telecom:** Base station power supplies and networking hardware. * **Consumer Electronics:** High-end laptops, tablets, and SSDs. * **Automotive:** Infotainment systems and Advanced Driver Assistance Systems (ADAS). --- ### 4. Part Number Breakdown (General Convention) While manufacturers vary slightly, the nomenclature usually follows this logic: | Segment | Meaning | | :--- | :--- | | **M5R** | Series designation (Size and material type) | | **24** | Physical dimensions (e.g., 2.4mm height or specific footprint) | | **RP** | Packaging or Material code (often "RoHS Compliant / Lead-Free") | | **-R** | Tape and Reel packaging for automated assembly | --- ### 5. Benefits of the "Molded" Design The M5R24RP-R utilizes a **molded construction** where the coil is embedded directly into a metallic powder. This offers: 1. **Acoustic Noise Reduction:** Eliminates "coil whine" caused by magnetostriction. 2. **Robustness:** Better resistance to mechanical shock and vibration. 3. **Low Leakage:** The magnetic field is tightly contained, reducing interference with nearby components.
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (uH) for the M5R24RP-R variant?
    • ⤷ Can this inductor be used in automotive-grade applications (AEC-Q200)?
    • ⤷ How does the DCR of this part compare to traditional wire-wound inductors?