Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R24RQ-R

  • AI
    ## M5R24RQ-R Electronic Specifications and Overview The **M5R24RQ-R** is a specific electronic component, typically categorized within the **Rotary Switch** or **Encoder** families (often manufactured by companies like Mitsumi or similar specialized switch producers). These parts are commonly used in audio equipment, industrial interfaces, and household appliances for input control. ### 1. General Specifications The "R" suffix usually denotes a specific packaging type (like Tape & Reel) or a particular mounting orientation. | Characteristic | Typical Value / Description | | :--- | :--- | | **Component Type** | Rotary Encoder / Switch | | **Circuit Configuration** | Incremental (A/B Phase) or Multi-position | | **Mounting Type** | Surface Mount (SMD) | | **Operational Life** | 30,000 to 100,000 cycles | | **Operating Voltage** | 5V DC (standard) | | **Pulse/Detent Ratio** | Often 12 or 24 pulses per 360° | --- ### 2. Functional Electronic Parts Inside the M5R24RQ-R, the following electronic elements work together to translate mechanical rotation into electrical signals: #### A. Contact Plates * **Material:** Usually silver-plated or gold-plated copper alloy. * **Function:** As the shaft turns, these plates make and break contact with the internal terminals to generate pulses. #### B. Output Terminals * **Phase A & Phase B:** For incremental encoders, these two outputs are offset by 90 degrees (Quadrature). This allows the microcontroller to determine both **speed** and **direction** of rotation. * **Common (COM):** The ground or reference pin. #### C. Integrated Push Switch (Optional) * Many models in this series include a momentary tactile switch. * **Function:** Allows the user to "Click" the knob, adding a third input dimension (Rotate + Press). --- ### 3. Application Circuit Example To interface this part with a microcontroller (like an Arduino or STM32), pull-up resistors are required because the part acts as a mechanical switch. ```cpp // Example: Basic Arduino Pin Setup for M5R24RQ-R const int pinA = 2; // Phase A const int pinB = 3; // Phase B const int pinSW = 4; // Push Switch void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); pinMode(pinSW, INPUT_PULLUP); } ``` --- ### 4. Physical Dimensions (Typical) * **Body Size:** ~9mm to 12mm square. * **Shaft Length:** Varies (Standard 15mm or 20mm). * **Detent Torque:** 3 to 20 mN·m (the "click" feeling when turning). ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout diagram for the M5R24RQ-R?
    • ⤷ How do I debounce the mechanical noise from this rotary encoder in software?
    • ⤷ Is the M5R24RQ-R compatible with 3.3V logic levels?