Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R24ZL-R

  • AI
    The **M5R24ZL-R** is a specific electronic component primarily used in industrial and telecommunications applications. It belongs to the family of **Metal Oxide Varistors (MOV)**, designed to protect circuits from high-voltage surges and transients. --- ### 1. Key Technical Specifications The M5R24ZL-R is engineered to clamp high-voltage spikes, preventing damage to sensitive downstream components. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Nominal Varistor Voltage** | ~24V | | **Max Continuous AC Voltage** | 14V - 17V (Approx) | | **Max Continuous DC Voltage** | 18V - 22V (Approx) | | **Energy Absorption (Joules)** | Low to Medium range | | **Mounting Type** | Through-hole (Radial leaded) | | **Response Time** | < 25 nanoseconds | --- ### 2. Functional Anatomy The "M5R" series typically denotes the size and material composition. * **Metal Oxide Material:** Constructed from zinc oxide (ZnO) grains. Under normal voltage, it acts as an insulator. Under high voltage, it becomes a conductor to shunt the excess energy to ground. * **Encapsulation:** Coated in a flame-retardant epoxy resin to prevent fires during catastrophic failure. * **Leads:** Tin-plated copper wires for soldering onto PCBs. --- ### 3. Circuit Application In an electronic schematic, the M5R24ZL-R is placed **in parallel** with the load. #### Typical Wiring Diagram ```text [Power Source (+)] ----+---- [Protected Circuit] | [M5R24ZL-R] | [Power Source (-)] ----+---- [Ground/Common] ``` --- ### 4. Common Use Cases 1. **Automotive Electronics:** Protection against "Load Dump" transients in 12V vehicle systems. 2. **Industrial Controllers:** Protecting PLC inputs/outputs from inductive switching noise. 3. **Power Supplies:** Low-voltage DC input protection. 4. **Data Lines:** Protecting communication ports from electrostatic discharge (ESD). --- ### 5. Selection Considerations * **Clamping Voltage:** Ensure the clamping voltage is lower than the maximum voltage rating of the components you are protecting. * **Peak Current:** Check if the device can handle the expected surge amperage (e.g., 500A vs 2000A). * **Degradation:** Note that MOVs degrade slightly every time they absorb a surge; eventually, they may fail in a short-circuit or open-circuit state.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between an MOV and a TVS diode for surge protection?
    • ⤷ How do I calculate the required Joule rating for a varistor in a specific circuit?
    • ⤷ What are the common failure modes of the M5R series varistors?