Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R26RLJ-R

  • AI
    The **M5R26RLJ-R** is a specific electronic component, typically categorized as a **Resistor Network** or **Thick Film Resistor Array**. These components are designed to save space on Printed Circuit Boards (PCBs) by integrating multiple resistors into a single package. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part numbering usually follows specific manufacturer conventions (often associated with brands like ROHM or similar generic high-density resistor series). | Feature | Description | | :--- | :--- | | **Component Type** | Resistor Network / Array | | **Configuration** | Isolated or Bussed (Commonly 4 or 8 resistors) | | **Resistance Value** | Typically indicated by the "26R" (26 Ohms) or "RLJ" coding | | **Tolerance** | Generally ±5% (J code) or ±1% (F code) | | **Package Style** | Surface Mount (SMD) / Concave or Convex terminations | | **Material** | Thick Film on Ceramic substrate | --- ### 2. Functional Characteristics #### A. Internal Configuration Resistor networks like the M5R series usually come in two internal layouts: 1. **Isolated:** Each resistor is independent with its own two terminals. 2. **Bussed:** All resistors share one common pin (used for pull-up/pull-down applications). #### B. Power Dissipation Because these are miniature SMD components, the power rating is typically low (e.g., **1/16W or 1/10W per element**). Total package power is the sum of the individual resistors. #### C. Stability * **TCR (Temperature Coefficient of Resistance):** Usually ±200ppm/°C, ensuring the resistance remains stable across varying temperatures. * **Operating Temperature:** Typically rated from **-55°C to +125°C**. --- ### 3. Key Benefits in Electronics Using a part like the M5R26RLJ-R offers several advantages over discrete resistors: 1. **Space Efficiency:** Reduces the PCB footprint compared to using individual 0402 or 0603 resistors. 2. **Assembly Speed:** Pick-and-place machines only need to place one component instead of four or eight, reducing manufacturing time. 3. **Matching:** Since the resistors are manufactured on the same substrate, their resistance values tend to track each other more closely under temperature changes. --- ### 4. Typical Applications * **DDR Memory Terminations:** Used for signal integrity in high-speed data lines. * **LED Current Limiting:** Driving multiple LEDs in a display panel. * **Pull-up/Pull-down Resistors:** For digital logic gates and microcontrollers. * **Bus Line Filtering:** Used in conjunction with capacitors for EMI suppression. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value and tolerance for the 'RLJ' suffix?
    • ⤷ How does the footprint of an M5R array compare to standard 0603 discrete resistors?
    • ⤷ Can this component be used in high-voltage power supply circuits?