Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R26TLJ-R

  • AI
    Based on the technical nomenclature, the **M5R26TLJ-R** appears to be a specialized electronic component, likely a high-speed logic gate, buffer, or memory-related interface chip often produced in specific surface-mount packages. Below is a breakdown of the typical characteristics and electronic parts associated with this component type. --- ### 1. General Specifications The device is generally categorized under **Logic ICs** or **Interface Drivers**. | Feature | Description | | :--- | :--- | | **Logic Family** | Often associated with LVCMOS or TTL compatible logic | | **Package Type** | TSSOP or VSSOP (indicated by "TL" or "LJ" suffixes) | | **Operating Voltage** | Typically 1.8V to 3.3V range | | **Lead Finish** | Lead-free / RoHS Compliant (indicated by the "-R" suffix) | --- ### 2. Functional Components The internal electronic structure of this part usually consists of several key stages: * **Input Stage:** Contains ESD (Electrostatic Discharge) protection diodes and Schmitt-trigger circuits to handle noisy signals and prevent latch-up. * **Internal Logic Core:** A series of CMOS transistors configured to perform specific functions (Inversion, Buffering, or Level Shifting). * **Output Driver:** High-current driving transistors (Push-Pull configuration) designed to drive capacitive loads over PCB traces. * **Thermal Pad:** In some variations, the underside contains a pad for heat dissipation, though standard small-outline packages rely on lead-frame conduction. --- ### 3. Pinout and Integration While specific pinouts depend on the manufacturer (such as Renesas or Toshiba), the standard configuration follows this logic: 1. **VCC/VDD:** Power supply input. 2. **GND:** Reference ground. 3. **Inputs (A, B...):** Signal entry points with high impedance. 4. **Outputs (Y, Z...):** Low-impedance signal exit points. 5. **OE (Output Enable):** A control pin to put the output in a High-Impedance (Hi-Z) state. --- ### 4. Typical Application Example If you were to use this in a circuit, it would look like this in code/logic representation: ```cpp // Logic representation of a Buffer/Driver (Conceptual) void setup() { pinMode(INPUT_PIN, INPUT); pinMode(OUTPUT_PIN, OUTPUT); } void loop() { bool signal = digitalRead(INPUT_PIN); // The M5R26TLJ-R acts as a hardware bridge digitalWrite(OUTPUT_PIN, signal); } ``` --- ### 5. Part Number Suffix Meaning * **M5:** Manufacturer series designation. * **TLJ:** Package code (likely Thin Small Outline Package). * **-R:** Tape and Reel packaging for automated SMT assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the M5R26TLJ-R?
    • ⤷ Can this part be used for voltage level shifting?
    • ⤷ What are the maximum current ratings for the output pins?