Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R28THJ-R

  • AI
    The **M5R28THJ-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are commonly used in automotive electronics, power management modules, and high-frequency DC-DC converters. ### Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | Specified by the value code (e.g., 2.8µH or similar range) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Magnetic Shielding (to prevent EMI) | | **Operating Temperature** | Often rated up to -40°C to +125°C (Automotive Grade) | | **Tolerance** | Usually ±20% | --- ### Core Construction & Features 1. **Magnetic Shielding**: The "R" series usually indicates a shielded construction. This utilizes a ferrite core or a metal powder composite that contains the magnetic flux within the component, minimizing interference with surrounding sensitive circuits. 2. **Current Handling**: These inductors are designed for high saturation currents ($I_{sat}$), meaning they can maintain their inductance even when high levels of DC current pass through the coil. 3. **Flat-Top Design**: The "H" and "J" designators often refer to the physical casing or height profile, providing a flat top surface suitable for automated "Pick and Place" assembly machines. 4. **Low DCR**: Designed with low Direct Current Resistance (DCR) to minimize power loss through heat, which increases the overall efficiency of power supplies. --- ### Common Applications * **Automotive Systems**: Used in Infotainment units, LED lighting drivers, and ADAS modules due to high reliability. * **DC-DC Converters**: Found in Step-down (Buck) or Step-up (Boost) voltage regulators. * **Consumer Electronics**: High-efficiency power rails for laptops and tablets. * **Filtering**: Used in LC circuits to smooth out voltage ripples and suppress noise. --- ### Understanding the Part Number (General Breakdown) While naming conventions vary by manufacturer (such as Sumida, Cyntec, or TOKO/Murata), the code generally breaks down as follows: * **M5R**: Series identifier (Size/Material type). * **28**: Inductance value or physical size dimension. * **T/H/J**: Internal design codes (Tolerance, Height, or Packaging style). * **-R**: Typically signifies "RoHS Compliant" or "Tape & Reel" packaging.
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the M5R28THJ-R?
    • ⤷ Which manufacturers produce this specific inductor series?
    • ⤷ What are the footprint dimensions for an M5R series inductor?