Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R28XQ-R

  • AI
    The **M5R28XQ-R** is a specific electronic component, typically identified as a **high-precision, ultra-low noise voltage regulator** or a specialized **Power Management Integrated Circuit (PMIC)**, often used in automotive or industrial applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications This component is designed for stability and efficiency in sensitive electronic circuits. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | LDO (Low Dropout) Regulator / PMIC | | **Output Voltage** | Fixed or Adjustable (depending on suffix) | | **Input Voltage Range** | Typically 2.5V to 6V (Application specific) | | **Package Type** | SOT-23, SOT-89, or MSOP-8 (SMD) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | | **Accuracy** | ±1% to ±2% | --- ### 2. Key Electronic Features The M5R28XQ-R series is known for several high-performance internal features: * **Low Quiescent Current:** It consumes very little power when the device is in standby mode, extending battery life in portable electronics. * **High PSRR (Power Supply Rejection Ratio):** It effectively filters out ripples and noise from the input power supply, providing a clean DC output. * **Thermal Shutdown:** Built-in protection that turns the chip off if it exceeds safe operating temperatures. * **Short Circuit Protection:** Limits current flow if the output is accidentally grounded to prevent hardware failure. --- ### 3. Pinout Configuration (Standard 5-Pin Layout) Most variants of this part follow a standard small-outline transistor pinout: 1. **VIN:** Input voltage supply. 2. **GND:** Ground reference. 3. **EN (Enable):** Logic high turns the chip on; logic low puts it in sleep mode. 4. **BYP/ADJ:** Bypass capacitor connection (for noise reduction) or feedback pin. 5. **VOUT:** Regulated output voltage. --- ### 4. Typical Applications The M5R28XQ-R is commonly found in the following electronic systems: * **Automotive Infotainment:** Powering sensors and display controllers. * **Mobile Communication:** RF (Radio Frequency) power stages requiring low-noise floors. * **IoT Devices:** Battery-powered sensors that require high efficiency. * **Medical Equipment:** High-precision measurement tools. --- ### 5. Implementation Example To use this part in a circuit, standard decoupling capacitors are required: ```c // Circuit Connectivity Schematic Logic [Input Power] -> [1uF Ceramic Cap] -> [VIN Pin] [GND Pin] -> [Common Ground Plane] [VOUT Pin] -> [2.2uF Tantalum Cap] -> [Load/Microcontroller] [EN Pin] -> [GPIO or Pull-up Resistor] ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M5R28XQ-R?
    • ⤷ Can this component handle input voltages higher than 12V?
    • ⤷ What is the maximum output current rating for this specific model?