Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R28ZP-R

  • AI
    The **M5R28ZP-R** is a specific electronic component primarily identified as a **Power Inductor**, often manufactured by companies like Murata or specialized power component suppliers. These parts are typically designed for surface-mount applications in power management circuits. --- ### 1. Technical Specifications The following table outlines the general characteristics typical for the M5R series of power inductors: | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite / Magnetic Metal | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Tolerance** | Usually ±20% or ±30% | | **Operating Temp** | -40°C to +125°C (Standard Industrial) | --- ### 2. Key Electronic Functions The M5R28ZP-R serves several critical roles within an electronic assembly: * **Energy Storage:** It stores energy in its magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle. * **Filtering:** It acts as a low-pass filter to smooth out high-frequency ripple current from DC-DC converters. * **EMI Suppression:** Because it is usually a shielded design, it prevents magnetic flux from interfering with neighboring sensitive components on the PCB. --- ### 3. Common Applications These inductors are frequently found in compact electronic devices where power efficiency is a priority: 1. **DC-DC Converters:** Buck, Boost, and Buck-Boost regulators. 2. **Mobile Electronics:** Smartphones, tablets, and wearable devices. 3. **Computing:** Power rails for CPUs and GPUs in laptops or embedded systems. 4. **Peripheral Power:** Supply filtering for HDD/SSD controllers. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer, the code usually breaks down as follows: * **M5R:** Series identifier (designates the physical structure and material). * **28:** Likely refers to the physical dimensions (e.g., 2.8mm height or footprint size). * **ZP:** Material or performance grading (Low DCR or High Current). * **R:** Usually indicates the packaging method (**Tape & Reel**). ---
    ✨ Follow-up Questions
    • ⤷What is the specific inductance value (uH) for the M5R28ZP-R?
    • ⤷ What are the recommended footprint dimensions for soldering this component?
    • ⤷ Are there equivalent alternatives from other manufacturers like TDK or Coilcraft?