Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R28ZQJ-R

  • AI
    The **M5R28ZQJ-R** (often associated with automotive and industrial electrical components) refers to a specific type of **Mini ISO Automotive Relay**. These components are critical for controlling high-current circuits using a low-current signal. --- ## 1. Technical Specifications The following table outlines the general electrical characteristics typically found in this relay series: | Feature | Specification | | :--- | :--- | | **Type** | Mini ISO Automotive Relay | | **Contact Form** | 1 Form A (SPST) or 1 Form C (SPDT) | | **Nominal Coil Voltage** | 12V DC (standard) | | **Contact Rating** | 20A to 40A (Load dependent) | | **Terminal Type** | Plug-in (Quick Connect) | | **Mounting** | Socket or PCB mount | --- ## 2. Internal Components and Functionality The M5R28ZQJ-R operates using basic electromagnetic principles. The internal structure consists of: * **Coil (Electromagnet):** When a small voltage is applied, it creates a magnetic field. * **Armature:** A moving lever that is attracted by the magnetic field of the coil. * **Contacts:** Usually made of silver alloys (like AgSnO2) to resist "pitting" or welding under high loads. * **Resistor/Diode (R-Suffix):** The "R" in the part number often signifies an **Internal Resistor** connected in parallel with the coil. This is used for **Suppression**, preventing voltage spikes (back EMF) from damaging sensitive electronics (like an ECU) when the relay is turned off. --- ## 3. Terminal Layout (Pinout) Standard automotive relays follow the DIN 72552 numbering system: | Pin Number | Function | Description | | :--- | :--- | :--- | | **85** | Coil Ground | The negative side of the triggering circuit. | | **86** | Coil Positive | The positive side of the triggering circuit. | | **30** | Common (Battery) | The main power input from the source. | | **87** | Normally Open (NO) | The output to the device (active when relay is ON). | | **87a** | Normally Closed (NC) | The output to the device (active when relay is OFF). | --- ## 4. Common Applications * **Automotive:** Fuel pumps, cooling fans, headlights, and horn circuits. * **Industrial:** Controlling small motors or hydraulic solenoids. * **Safety:** Used to isolate low-power control modules from high-power actuators.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R' suffix regarding transient voltage suppression?
    • ⤷ How do I test if the M5R28ZQJ-R relay coil is still functional using a multimeter?
    • ⤷ Can this relay be used in a 24V system
    • ⤷ or is it strictly 12V?