Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R63RQJ-R

  • AI
    ## Technical Overview of the M5R63RQJ-R The **M5R63RQJ-R** is a specific electronic component identifier, typically associated with **Power Inductors** (often manufactured by companies like Cyntec or similar power-solution providers). These are surface-mount devices (SMD) designed for high-efficiency power conversion. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this part series, here are the likely technical parameters: | Parameter | Typical Value / Specification | |:---|:---| | **Component Type** | Molded Power Inductor | | **Inductance** | 0.63 µH (indicated by "R63") | | **Tolerance** | ±20% (Typical for "M" prefix) | | **Material** | Metal Alloy / Carbonyl Powder | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -55°C to +125°C | --- ### 2. Detailed Electronic Characteristics #### A. Core Material and Construction The "M" series usually refers to **Molded Iron Powder** technology. Unlike traditional wire-wound inductors with open cores, these are shielded. * **Magnetically Shielded:** The construction minimizes Electromagnetic Interference (EMI), which is crucial for densely packed circuit boards. * **Soft Saturation:** The metal alloy powder allows the inductor to handle high transient current spikes without a sharp drop in inductance. #### B. Electrical Performance * **Low DCR (DC Resistance):** Designed with flat wire or heavy gauge copper to minimize energy loss as heat. * **High Saturation Current ($I_{sat}$):** Able to maintain its inductive properties even under high load currents. * **High Efficiency:** Optimized for high-frequency switching regulators (DC-DC converters). --- ### 3. Applications The M5R63RQJ-R is commonly found in power management modules for: 1. **Laptops and Tablets:** Used in the VRM (Voltage Regulator Module) for CPUs and GPUs. 2. **Server Power Supplies:** High-current, low-voltage point-of-load (POL) converters. 3. **Telecommunications:** High-density power modules. 4. **Automotive Electronics:** Infotainment and ADAS systems (if AEC-Q200 qualified). --- ### 4. Part Number Breakdown (Typical) While naming conventions vary slightly by manufacturer, the code generally follows this logic: * **M5:** Series/Size code (e.g., 5mm x 5mm footprint). * **R63:** Inductance value ($0.63 \mu H$). * **R:** Packaging code (usually refers to Tape & Reel). * **QJ:** Internal factory/material revision codes. ---
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) rating for this specific inductor?
    • ⤷ Can you provide the physical dimensions (footprint) for the M5 series?
    • ⤷ How does this molded inductor compare to a traditional ferrite core inductor?