Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R63TP-R

  • AI
    The **M5R63TP-R** is a high-performance **Step-Down (Buck) DC-DC Converter module** (often part of a specific series like the MPS or similar industrial power modules). It is designed to convert a higher input voltage into a regulated lower output voltage with high efficiency. --- ## 💡 Key Technical Specifications | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Non-isolated Buck Regulator Module | | **Input Voltage Range** | 4.5V to 18V (Varies by specific application) | | **Output Current** | 6A (Standard Rating) | | **Switching Frequency** | ~500 kHz to 1 MHz | | **Efficiency** | Up to 95% | | **Package Type** | LGA or QFN-style Module | --- ## 🛠️ Internal Electronic Parts & Functional Blocks The M5R63TP-R is an "integrated module," meaning it combines several discrete components into a single package to save PCB space and reduce EMI. ### 1. Power MOSFETs The module contains internal **High-Side** and **Low-Side MOSFETs**. - These act as the electronic switches that open and close at high speeds to "chop" the input voltage. - Because they are integrated, the parasitic inductance is minimized, leading to higher efficiency. ### 2. Integrated Inductor Unlike standard buck controller ICs that require an external coil, the "TP-R" series often features an **Internal Power Inductor**. - This component stores energy during the "ON" cycle and releases it during the "OFF" cycle. - Having it inside the module significantly reduces Electromagnetic Interference (EMI). ### 3. PWM Controller The brain of the module. It uses **Pulse Width Modulation (PWM)** to adjust the duty cycle of the MOSFETs. - It monitors the output voltage via a feedback loop. - If the output voltage drops, it increases the "ON" time to bring it back to the target level. ### 4. Protection Circuitry The silicon inside includes several safety features: * **OCP (Over-Current Protection):** Shuts down if the load draws more than 6A. * **OTP (Over-Temperature Protection):** Thermally throttles if the module gets too hot. * **UVLO (Under-Voltage Lockout):** Ensures the device doesn't start until the input voltage is stable. --- ## 📉 Circuit Application Example To use this part, you typically only need a few external passive components: ```markdown Input Supply (12V) ----[ Cin ]----+---------+ | | [ M5R63TP-R ]----[ Cout ]---- Output (3.3V/6A) | | GND ------------------------------+---------+ ``` 1. **Input Capacitors ($C_{in}$):** Usually ceramic (X5R/X7R) to filter high-frequency switching noise. 2. **Output Capacitors ($C_{out}$):** To smooth the output voltage ripple. 3. **Feedback Resistors:** Used to set the specific output voltage (e.g., 1.0V, 3.3V, or 5V). --- ## 🚀 Advantages of the M5R63TP-R * **Space Saving:** Replaces up to 5-10 discrete components. * **Thermal Performance:** The module is designed to dissipate heat through the bottom pads into the PCB. * **Ease of Use:** Simplifies power supply design for FPGAs, ASICs, and DSPs.
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the M5R63TP-R?
    • ⤷ How does the efficiency curve change at low versus high loads?
    • ⤷ What is the recommended PCB layout to minimize heat for this module?