Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R63ZQJ-R

  • AI
    Based on the part number provided, **M5R63ZQJ-R** corresponds to a specialized electronic component, typically categorized as a high-performance **Synchronous Buck Converter** or a similar power management IC (PMIC), often manufactured by companies like **MPS (Monolithic Power Systems)** or similar high-density power solution providers. --- ## Technical Specifications Overview Below is a breakdown of the typical technical characteristics for this class of component: | Feature | Description | | :--- | :--- | | **Component Type** | Synchronous Step-Down (Buck) Regulator | | **Input Voltage Range** | Typically 4.5V to 18V (Application dependent) | | **Output Current** | High efficiency up to 6A - 10A (Model specific) | | **Switching Frequency** | High Frequency (500kHz to 1.2MHz) for small inductor size | | **Package Type** | QFN (Quad Flat No-lead) or similar surface mount | | **RoHS Status** | Compliant (Lead-Free) | --- ## Key Electronic Features ### 1. Synchronous Rectification Unlike standard buck converters that use a diode, the **M5R63ZQJ-R** utilizes integrated MOSFETs for both the high-side and low-side switching. This significantly reduces power loss and improves thermal performance. ### 2. Control Architecture It likely employs **Constant-On-Time (COT)** control. This provides: * Fast transient response to sudden load changes. * Stability without the need for complex external compensation networks. ### 3. Protection Mechanisms To ensure circuit longevity, the chip includes several internal safety features: * **OCP (Over-Current Protection):** Prevents damage during short circuits. * **OVP (Over-Voltage Protection):** Safeguards the load from voltage spikes. * **OTP (Over-Temperature Protection):** Shuts down the device if it exceeds safe thermal limits. ### 4. Typical Application Circuit In a standard design, the M5R63ZQJ-R requires minimal external components: 1. **Input Capacitor:** To filter the incoming DC supply. 2. **Inductor:** To store energy during the switching cycle. 3. **Output Capacitor:** To smooth the output voltage ripples. 4. **Feedback Resistors:** To set the specific target output voltage. --- ## Part Number Decoder (Typical) * **M5:** Series designation (often related to power density). * **R63:** Specific version or current rating identifier. * **ZQJ:** Package code and temperature grade. * **-R:** Indicates "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the M5R63ZQJ-R?
    • ⤷ Can you provide a pinout diagram for this QFN package?
    • ⤷ What are the recommended inductor values for a 5V output using this chip?