Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R64RL-R

  • AI
    The **M5R64RL-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor**. It is widely used in power management circuits, specifically in DC-DC converters and voltage regulator modules (VRMs). --- ## Technical Specifications The alphanumeric code usually follows a standard manufacturer naming convention (often associated with brands like **Coilcraft**, **Cyntec**, or **Sumida** style clones). Below are the typical characteristics of this part: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor (Molded) | | **Inductance Value** | 0.64 µH (indicated by "R64") | | **Tolerance** | ±20% (Typical for "M" prefix) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Metal Alloy / Carbonyl Iron | | **Shielding** | Magnetically Shielded (Molded structure) | --- ## Key Features ### 1. High Current Handling The "R64" (0.64 microhenries) value is relatively low, which suggests this inductor is designed for **high-frequency switching power supplies** where high current output is required. It can typically handle several Amperes (A) of saturation current. ### 2. Molded Construction The "M" prefix and the physical construction of these series usually denote a **metal composite mold**. This provides: * **Acoustic Noise Reduction:** Minimizes buzzing during operation. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, these maintain stability under high peak currents. * **Magnetic Shielding:** Reduces Electromagnetic Interference (EMI) with neighboring components. ### 3. Low DCR (Direct Current Resistance) The "RL" suffix often refers to a "Low Resistance" or "Low Profile" series. This minimizes power loss (heat) during operation, increasing the efficiency of the overall device. --- ## Applications This component is commonly found in the following electronic environments: * **Motherboards & Laptops:** Voltage regulation for CPUs and GPUs. * **Server Power Modules:** High-efficiency DC-DC conversion. * **Battery Powered Devices:** Where compact size and low power loss are critical. * **Automotive Electronics:** Used in infotainment or ADAS systems due to its robust thermal performance. --- ## Identification Breakdown * **M:** Tolerance (usually ±20%). * **5:** Size code (often refers to a 5mm x 5mm footprint). * **R64:** Inductance value (R = decimal point; 0.64 microhenries). * **RL-R:** Series/Revision and RoHS compliance (Lead-free).
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for the M5R64RL-R?
    • ⤷ How do I calculate the saturation current for this inductor?
    • ⤷ What is the recommended soldering profile for this SMD component?