Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R64RLJ-R

  • AI
    The **M5R64RLJ-R** is a high-performance, surface-mount power inductor typically used in DC-DC converter circuits. It belongs to a class of magnetic components designed for high current density and low core loss. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of power inductors, the technical parameters are generally as follows: | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance** | 0.64 µH (indicated by "R64") | | **Tolerance** | ±20% (Typical) | | **DCR (Direct Current Resistance)** | Very Low (mΩ range) | | **Saturation Current ($I_{sat}$)** | High (often >30A depending on case size) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Physical Characteristics & Construction The "M5" prefix often refers to the specific material composition or the physical dimensions of the component. * **Core Material:** Usually a metal alloy powder core. This provides "soft saturation" characteristics, meaning the inductance drops gradually as current increases, rather than dropping off sharply. * **Shielding:** These parts are typically **magnetically shielded**. This minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB. * **Termination:** Lead-free (RoHS compliant) terminations, usually tin-plated. --- ### 3. Part Number Breakdown (Typical) While manufacturers have slight variations, the code **M5R64RLJ-R** can be interpreted as: 1. **M5**: Series identifier (Material/Case Size). 2. **R64**: Inductance value ($0.64 \mu H$). The "R" acts as a decimal point. 3. **RLJ**: Packaging or Tolerance code (specific to the manufacturer like Chilisin or Cyntec). 4. **-R**: Indicates RoHS Compliance or Tape & Reel packaging. --- ### 4. Common Applications Due to its low resistance and high current handling, this part is found in: * **Voltage Regulator Modules (VRMs):** Used in CPUs and GPUs. * **Point of Load (POL) Converters:** Providing power to FPGAs or ASICs. * **Battery Powered Devices:** High-efficiency power management systems. * **Server/Data Centers:** Power supplies requiring high power density. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the M5R64RLJ-R?
    • ⤷ Which manufacturers produce this specific inductor series?
    • ⤷ What are the physical dimensions (footprint) of this part?