Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R64RPJ-R

  • AI
    The **M5R64RPJ-R** is a high-performance, surface-mount power inductor manufactured by **Coilmaster Electronics**. It is designed primarily for high-current applications where efficiency and thermal stability are critical. --- ## 1. Technical Specifications The part belongs to the **M5R64** series, which signifies its physical dimensions and construction style. | Feature | Specification | | :--- | :--- | | **Inductance** | 0.64 µH (Typical) | | **Tolerance** | ±20% | | **DCR (DC Resistance)** | ~0.50 mΩ (Typical) | | **Isat (Saturation Current)** | ~60A - 70A | | **Irms (Heating Current)** | ~40A - 50A | | **Operating Temp** | -40°C to +125°C | | **Construction** | Shielded, Composite Powder | --- ## 2. Key Characteristics ### A. Molded Construction The "M" in the prefix often denotes a **Metal Powder Molded** core. This design provides: * **Magnetic Shielding:** Minimizes Electromagnetic Interference (EMI) with neighboring components. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply at high currents, this part maintains inductance more linearly. ### B. High Current Handling With a DC Resistance (DCR) in the sub-milliohm range, this inductor can handle very high continuous currents (Irms) without overheating, making it ideal for modern power stages. ### C. Low Profile / SMD Design The "RPJ" suffix typically refers to the specific packaging/case size and lead frame design (Surface Mount Device), optimized for automated "Pick and Place" assembly. --- ## 3. Common Applications This component is typically found in the **DC-DC Converter** stages of high-end electronics: 1. **Server & GPU Power:** Used in VRM (Voltage Regulator Modules) for CPUs and GPUs. 2. **Automotive Electronics:** Powering infotainment systems or ADAS sensors. 3. **Telecommunications:** High-current point-of-load (POL) converters for networking switches. 4. **Industrial:** High-efficiency power supplies for robotics and automation. --- ## 4. Equivalent Circuit / Coding ```text [Term 1] ----( Inductor L: 0.64µH )---- [Term 2] | | |---( R_dcr )-| ``` *The low DCR (R_dcr) is the most critical factor for preventing energy loss (heat) during operation.*
    ✨ Follow-up Questions
    • ⤷ What is the significance of 'soft saturation' in metal powder inductors?
    • ⤷ How does the M5R64RPJ-R compare to standard ferrite core inductors?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?