Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R64TP-R

  • AI
    The **M5R64TP-R** is a specific electronic component, typically categorized as a **High-Current Power Inductor** (often manufactured by companies like Cyntec or similar power component specialists). These parts are critical in modern DC-DC converter circuits. --- ## 1. Technical Specifications The part number usually encodes specific electrical characteristics. Below is a breakdown of the typical parameters for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.64 µH (indicated by "R64") | | **Tolerance** | ±20% (Typical for power inductors) | | **Component Type** | Shielded Surface Mount (SMD) Power Inductor | | **Material** | Metal Alloy Powder (Composite) | | **Application** | High-frequency DC-DC Converters, VRMs | --- ## 2. Key Electronic Characteristics ### A. Metal Composite Technology Unlike traditional ferrite core inductors, the M5R64TP-R uses a **metal powder core**. This provides several advantages: * **Soft Saturation:** The inductance doesn't drop abruptly when the current increases; it decreases gradually. * **Low Core Loss:** Optimized for high-speed switching frequencies (MHz range). * **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI). ### B. High Current Handling This specific inductor is designed to handle high "Saturation Current" ($I_{sat}$) and "Heating Current" ($I_{rms}$). It is commonly found in power phases for CPUs, GPUs, and server-grade hardware where high amperage is required at low voltages. ### C. Low DCR (DC Resistance) The "R" suffix and "TP" often denote low-resistance packaging. A low DCR is vital to minimize power dissipation (heat) and maximize the efficiency of the power supply. --- ## 3. Physical Layout and Footprint The M5R64TP-R is an **SMD (Surface Mount Device)**. * **Dimensions:** Usually follows a standard metric footprint (e.g., 5.0mm x 5.0mm, though exact size depends on the "M5" series prefix). * **Terminations:** Features lead-free (RoHS compliant) solder pads on the bottom for automated SMT assembly. --- ## 4. Common Applications This part is most frequently used in: 1. **Laptop Motherboards:** In the Voltage Regulator Module (VRM) circuits. 2. **Point of Load (POL) Converters:** Providing stable power to FPGAs and ASICs. 3. **High-density Power Supplies:** Where space is limited but current demand is high.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for the M5R64TP-R?
    • ⤷ How does a metal composite inductor differ from a ferrite core inductor in terms of performance?
    • ⤷ What are the recommended soldering profile guidelines for this SMD component?