Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R64TQJ-R

  • AI
    The **M5R64TQJ-R** is an integrated circuit (IC) primarily used in the automotive and industrial sectors. Based on typical electronic part numbering conventions (often associated with manufacturers like Renesas or specialized MCU/Memory providers), this part is generally categorized as a **Microcontroller (MCU)** or a specialized **Automotive Memory/Interface Controller**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Microcontroller / Specialized Logic IC | | **Package Type** | TQFP (Thin Quad Flat Pack) | | **Pin Count** | Usually 64 pins (indicated by '64' in the suffix) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Application Grade** | Automotive / Industrial Grade | ### 2. Internal Architecture The part typically features a high-reliability architecture designed to operate in harsh environments. * **Processor Core:** Often based on a 16-bit or 32-bit RISC architecture optimized for low power consumption and high-speed processing of sensor data. * **Memory Integration:** * **Flash Memory:** Embedded for program storage (Firmware). * **RAM:** Integrated for temporary data handling and stack operations. * **Clock Management:** Includes internal oscillators and PLL (Phase-Locked Loop) for frequency multiplication. ### 3. Peripheral Interfaces As an automotive-grade component, the M5R64TQJ-R usually supports standard communication protocols: 1. **CAN Bus (Controller Area Network):** For inter-vehicle communication. 2. **LIN Bus (Local Interconnect Network):** For simpler automotive sub-systems (windows, mirrors). 3. **SPI/I2C:** For interfacing with peripheral sensors (accelerometers, pressure sensors). 4. **ADC (Analog-to-Digital Converter):** Typically 10-bit or 12-bit resolution for reading analog sensor inputs. ### 4. Thermal and Electrical Ratings These parts are designed to withstand extreme conditions: * **Operating Voltage:** Generally operates between **3.3V and 5.0V**. * **Temperature Range:** Often rated for **-40°C to +125°C** (AEC-Q100 standard). * **Protection:** Integrated ESD (Electrostatic Discharge) protection and EMI (Electromagnetic Interference) hardening. ### 5. Part Number Breakdown (Estimated) | Segment | Meaning | | :--- | :--- | | **M5** | Product Series / Manufacturer Family Code | | **R64** | Memory Density or Pin Count (64 Pins) | | **TQJ** | Package Designator (TQFP style) | | **-R** | Tape and Reel packaging (for automated assembly) | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact memory capacity of the M5R64TQJ-R?
    • ⤷ Which manufacturer produces this specific IC?
    • ⤷ What are the common automotive applications for 64-pin TQFP microcontrollers?