Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R64ZPJ-R

  • AI
    The **M5R64ZPJ-R** is a specific part number typically associated with **Tantalum Polymer Capacitors** manufactured by **Lelon Electronics**. These components are widely used in modern electronics due to their high stability and compact size. --- ## 1. Technical Specifications The part number follows a specific coding structure that defines its electrical characteristics. Below is a breakdown of the typical specifications for this series: | Parameter | Typical Value | | :--- | :--- | | **Capacitance** | 64µF (indicated by the '64' code) | | **Voltage Rating** | Varies by sub-series (usually 6.3V to 25V) | | **Dielectric Material** | Tantalum Polymer | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -55°C to +105°C / +125°C | | **Tolerance** | ±20% (Standard) | --- ## 2. Key Features of Polymer Tantalum The "R" series (often referring to Low ESR series) offers several advantages over standard electrolytic or ceramic capacitors: 1. **Low ESR (Equivalent Series Resistance):** The polymer cathode provides much lower resistance, allowing for higher ripple current handling and better efficiency in power circuits. 2. **Volumetric Efficiency:** Provides high capacitance in a very small footprint compared to aluminum capacitors. 3. **Stability:** Unlike MLCCs (Ceramic), these do not suffer from DC-bias aging; the capacitance remains stable even when the rated voltage is applied. 4. **Safety:** Unlike traditional Tantalum (MnO2) capacitors, polymer types do not "ignite" or catch fire upon failure because the polymer material acts as an insulator under high heat. --- ## 3. Common Applications Due to its reliability and low profile, the M5R64ZPJ-R is found in high-density electronic assemblies: * **Computing:** Decoupling and filtering for CPUs and GPUs in laptops and servers. * **Telecommunications:** Base station power modules and networking hardware. * **Consumer Electronics:** Ultra-thin smartphones, tablets, and SSDs (Solid State Drives). * **DC-DC Converters:** Smoothing output voltage in point-of-load (POL) power supplies. --- ## 4. Handling and Soldering | Aspect | Requirement | | :--- | :--- | | **MSL Level** | Usually Level 3 (Moisture Sensitive) | | **Soldering Method** | Reflow Soldering (Lead-Free compatible) | | **Polarity** | **Critical.** Tantalum capacitors are polarized; reverse voltage will damage the part. |
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions for the 'Z' case size in this series?
    • ⤷ How does the ESR of a polymer tantalum compare to a standard electrolytic capacitor?
    • ⤷ What is the shelf life of the M5R64ZPJ-R once the moisture-barrier bag is opened?