Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R65RL-R

  • AI
    The **M5R65RL-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the M5 series inductors, here are the technical characteristics: | Property | Value (Typical) | Description | | :--- | :--- | :--- | | **Inductance** | 0.65 µH | The amount of magnetic energy it can store. | | **Tolerance** | ±20% | The allowable deviation from the nominal inductance value. | | **Package Size** | 5mm x 5mm (Approx.) | The physical footprint on the PCB. | | **Mounting Type** | SMD/SMT | Surface Mount Technology for automated assembly. | | **Core Material** | Metal Alloy / Carbonyl Iron | High saturation current and low EMI. | --- ### 2. Physical Construction The "R" at the end of the part number often signifies a specific orientation or tape-and-reel packaging, while the "RL" indicates a low-resistance or high-efficiency variant. * **Shielding:** These inductors are usually **shielded**, meaning the magnetic field is contained within the component to prevent interference with nearby sensitive components. * **Terminations:** The bottom side features solder pads designed for reflow soldering. * **Composition:** A copper wire coil is embedded within a molded metal powder body. --- ### 3. Common Applications The M5R65RL-R is primarily used in DC-DC converters and voltage regulation modules. 1. **Buck/Boost Converters:** Used to step down or step up voltages in battery-powered devices. 2. **Laptops & Tablets:** Providing stable power to CPUs and GPUs. 3. **Telecom Equipment:** Used in high-density power supply units (PSUs). 4. **Smartphones:** Managing power distribution in constrained spaces. --- ### 4. Circuit Function In an electronic circuit, this part performs two main roles: * **Energy Storage:** It stores energy in its magnetic field when current flows through it and releases it when the current is interrupted. * **Noise Filtering:** It resists sudden changes in current, effectively smoothing out "ripple" or noise in the power supply line to provide clean DC power.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M5R65RL-R?
    • ⤷ How does the saturation current affect the performance of this inductor?
    • ⤷ What is the importance of the DC Resistance (DCR) in this component?