Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R65RPJ-R

  • AI
    The **M5R65RPJ-R** is a specific surface-mount electronic component, typically identified as a **Power Inductor** (specifically a Metal Composite / Molded Power Inductor). These components are critical in power management circuits, such as DC-DC converters. --- ### 1. General Specifications The part number follows a specific nomenclature used by manufacturers (often associated with brands like Cyntec or similar power component specialists). | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Construction** | Metal Composite (Molded) | | **Inductance Value** | Typically **0.65 µH** (indicated by "R65") | | **Tolerance** | Usually ±20% (indicated by "M") | | **Package Size** | 5.0mm x 5.0mm (indicated by "5") | --- ### 2. Key Characteristics Modern molded inductors like the M5R65RPJ-R offer several technical advantages over traditional wire-wound ferrite inductors: * **High Saturation Current:** The metal composite core allows for a "soft saturation" characteristic, meaning the inductance doesn't drop abruptly as current increases. * **Low DCR (Direct Current Resistance):** Designed to minimize power loss and heat generation. * **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components. * **Acoustic Noise Reduction:** The solid molded structure minimizes the physical vibration (buzzing) often heard in standard inductors. --- ### 3. Application Areas These parts are commonly found in high-efficiency power supplies for: 1. **Laptops and Tablets:** For CPU/GPU core power rails. 2. **Server Modules:** High-density power conversion. 3. **Automotive Electronics:** Navigation and infotainment systems (if AEC-Q200 qualified). 4. **Smartphones:** Battery management systems. --- ### 4. Technical Summary Table | Parameter | Typical Value Range | | :--- | :--- | | **Inductance** | 0.65 µH | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Material** | Iron Powder / Metal Alloy |
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for this specific inductor model?
    • ⤷ How does the 'R' suffix at the end of the part number affect its packaging (e.g.
    • ⤷ Tape and Reel)?
    • ⤷ Are there equivalent alternatives from manufacturers like Vishay or TDK?