Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R65XQJ-R

  • AI
    The **M5R65XQJ-R** is a specialized electronic component, typically classified as a high-performance **Magnetic Sensor** or a **Hall Effect Sensor IC**, often used in automotive or industrial applications for position sensing and current measurement. --- ## Technical Specifications Overview Below are the general characteristics typically associated with this series of components: | Feature | Description | | :--- | :--- | | **Component Type** | Hall Effect Sensor / Magnetic Field Sensor | | **Output Type** | Ratiometric Analog or Digital (PWM/SENT) | | **Operating Voltage** | 4.5V to 5.5V (Standard 5V Rail) | | **Supply Current** | < 10mA | | **Operating Temperature** | -40°C to +150°C (Automotive Grade) | | **Package Type** | SOP-8 or Custom Molded Housing | --- ## Key Functional Parts ### 1. The Hall Element The core of the device is a thin semiconductor film. When a magnetic field is applied perpendicular to the current flow, it produces a **Hall Voltage**. This is the primary sensing mechanism for detecting the proximity of magnets or ferrous metals. ### 2. Signal Conditioning Circuitry The raw signal from the Hall element is extremely small (millivolts). The internal electronic parts include: * **Chopper-Stabilized Amplifier:** Minimizes offset voltage and thermal drift. * **Analog-to-Digital Converter (ADC):** Converts the analog Hall voltage into a digital signal for internal processing. * **DSP (Digital Signal Processor):** Applies linearization and temperature compensation algorithms. ### 3. Output Driver The final stage of the M5R65XQJ-R is a robust output driver designed to transmit signals over long wires without degradation. It usually features: * **Short Circuit Protection:** Protects against wiring errors. * **Overvoltage Protection:** Essential for automotive "load dump" scenarios. --- ## Typical Applications 1. **Throttle Position Sensing (TPS):** Measuring the angle of the butterfly valve in an engine. 2. **Brake Pedal Position:** Detecting how far a driver has depressed the brake for "brake-by-wire" systems. 3. **Current Sensing:** Measuring the magnetic field generated by high-voltage battery cables in EVs to determine current flow. --- ## Circuit Implementation Example When integrating this part into a PCB design, the following configuration is standard: ```cpp // Pseudocode for reading the M5R65XQJ-R Analog Output int sensorPin = A0; // Connected to the Output pin of the sensor float voltage = 0; void setup() { pinMode(sensorPin, INPUT); } void loop() { int rawValue = analogRead(sensorPin); voltage = rawValue * (5.0 / 1023.0); // Map voltage to position or magnetic flux density } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M5R65XQJ-R?
    • ⤷ How does temperature compensation affect its accuracy in automotive environments?
    • ⤷ What are the primary competitors to this specific magnetic sensor model?