Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R66RH-R

  • AI
    The **M5R66RH-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are foundational in power management circuits, particularly for voltage regulation. Below is a detailed breakdown of its characteristics and technical specifications. --- ### 1. General Specifications The nomenclature of these inductors usually follows a standardized coding system for dimensions and inductance values. | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance Value** | 5.6 microhenries (µH) | | **Tolerance** | Usually ±20% | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Metal Alloy or Ferrite Core (Shielded) | --- ### 2. Technical Breakdown The part number can be decoded to understand its physical and electrical properties: * **M5 (Series/Size):** Often refers to the physical footprint (e.g., approximately 5mm x 5mm or a specific manufacturer series). * **R66:** This is the inductance code. In standard marking, "R" acts as a decimal point. However, in some manufacturer series, "R66" represents **0.66 µH**. If the part is labeled **5R6**, it represents **5.6 µH**. * **RH:** Often denotes "High Current" or "RoHS Compliant" with specific height characteristics. * **-R:** Typically signifies that the part is provided on a **Tape & Reel** for automated assembly. --- ### 3. Key Electronic Functions Inductors like the M5R66RH-R perform three primary roles in a circuit: 1. **Energy Storage:** They store energy in a magnetic field when current flows through them, which is essential for DC-DC converters. 2. **Filtering:** They block high-frequency AC noise while allowing DC current to pass, acting as a "low-pass filter." 3. **Voltage Regulation:** In "Buck" (step-down) or "Boost" (step-up) converters, the inductor maintains a steady current flow to the load despite the high-speed switching of transistors. --- ### 4. Common Applications Due to its shielded nature (which prevents electromagnetic interference), this part is commonly found in: * **Laptops and Tablets:** Powering the CPU/GPU rails. * **DC-DC Converters:** Point-of-load (POL) modules. * **Smartphones:** Battery management and LED driving circuits. * **Automotive Electronics:** Infotainment and sensor power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a shielded and unshielded inductor in terms of EMI?
    • ⤷ How do I calculate the saturation current for an SMD inductor like this?
    • ⤷ Can I replace a 5.6uH inductor with a higher value in a power circuit?