Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R66RHJ-R

  • AI
    The part number **M5R66RHJ-R** refers to a high-performance, shielded power inductor typically manufactured by companies like **Coilmaster Electronics** or similar magnetic component specialists. --- ## 1. Technical Specifications This component is an SMD (Surface Mount Device) molded power inductor, designed for high-current applications where space and EMI (Electromagnetic Interference) shielding are critical. | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 0.66 µH (Nominal) | | **Tolerance** | ±20% (Standard) | | **DCR (Direct Current Resistance)** | Very Low (Typically < 3-5 mΩ) | | **Saturation Current (Isat)** | High (Typically 20A - 35A range) | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Metal Alloy / Molded Shielded | --- ## 2. Key Features * **Molded Construction:** The coil is encapsulated in a metallic powder iron core. This "molded" process eliminates the gaps found in traditional ferrite inductors, resulting in a very low acoustic noise (buzzing). * **Magnetic Shielding:** The design naturally shields the component, reducing electromagnetic interference (EMI) with neighboring components on the PCB. * **High Saturation:** Unlike standard inductors, these handle high peak currents without the inductance value dropping sharply. * **Low DCR:** Minimizes power loss and heat generation, which is vital for high-efficiency power supplies. --- ## 3. Applications The M5R66RHJ-R is primarily used in DC-DC conversion circuits. Common applications include: 1. **Motherboards & Servers:** Voltage Regulator Modules (VRM) for CPUs and GPUs. 2. **Laptops:** High-current power rails. 3. **Point of Load (POL) Converters:** Distributed power systems requiring compact, high-efficiency buck converters. 4. **Battery Powered Devices:** Where efficiency and low heat are required to extend battery life. --- ## 4. Part Number Breakdown (Typical) While manufacturers vary slightly, the nomenclature usually follows this logic: * **M5:** Likely refers to the series or physical size (e.g., 5x5mm footprint). * **R66:** Represents the inductance value (R66 = 0.66 µH). * **RHJ:** Internal design code, material type, or tolerance spec. * **-R:** Generally indicates "RoHS Compliant" or "Tape & Reel" packaging.
    ✨ Follow-up Questions
    • ⤷What are the exact physical dimensions of the M5 series package?
    • ⤷ What are the best alternatives or equivalents for this inductor?
    • ⤷ How does the saturation current curve behave for this 0.66uH value?