Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R66TQ-R

  • AI
    The **M5R66TQ-R** is a high-performance **Power Inductor**, specifically a Surface Mount Device (SMD) component typically used in power management circuits. It belongs to the molded power choke family, designed for high-frequency DC-DC conversion and voltage regulation. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical characteristics: | Property | Value (Typical) | | :--- | :--- | | **Inductance** | 0.66 µH (indicated by "R66") | | **Tolerance** | ±20% | | **Case Size** | 5.0mm x 5.0mm (approximate "5" series) | | **Core Material** | Metal Alloy / Carbonyl Powder | | **Shielding** | Magnetically Shielded (Molded) | | **Mounting Type** | SMD/SMT | --- ### 2. Physical Construction The "TQ" series designation usually refers to a specific low-profile, high-current construction style: - **Molded Body:** The coil is encapsulated in a metallic iron powder composite. This provides a "soft" saturation characteristic, meaning the inductance doesn't drop off sharply as current increases. - **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB. - **Lead-Free Termination:** Usually features Tin (Sn) plating over copper for RoHS compliance. --- ### 3. Applications The M5R66TQ-R is optimized for high-efficiency power supplies where space is limited. 1. **DC-DC Converters:** Used as the energy storage element in Buck (Step-down) or Boost (Step-up) converters. 2. **GPU/CPU Power:** Providing stable current to high-speed processors in laptops or tablets. 3. **Smartphone Power Management:** Small footprint and high current handling make it ideal for mobile PMICs. 4. **Automotive Infotainment:** Often used in systems requiring high reliability and low noise. --- ### 4. Part Number Breakdown While manufacturer codes vary slightly, the general breakdown is: - **M5:** Refers to the physical dimensions (Size class 5050). - **R66:** Inductance value (0.66 microhenries). - **TQ:** Specific series/material type (often denoting low profile or high saturation). - **R:** Packaging (usually "Tape and Reel"). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum saturation current for the M5R66TQ-R?
    • ⤷ How does a molded inductor differ from a wire-wound shielded inductor?
    • ⤷ Can this inductor be used in high-temperature automotive environments?