Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R68RP-R

  • AI
    The **M5R68RP-R** is a high-performance **Molded Power Inductor**. It is primarily used in power management circuits, such as DC-DC converters, where high efficiency and high current handling are required in a compact form factor. --- ### 1. Key Technical Specifications The part number follows a standard nomenclature for power inductors. Below are the typical specifications for this series: | Parameter | Typical Value / Description | |:--- |:--- | | **Inductance** | 0.68 µH (indicated by "R68") | | **Tolerance** | ±20% (indicated by "M") | | **DC Resistance (DCR)** | Very Low (typically 2.0 - 5.0 mΩ) | | **Saturation Current ($I_{sat}$)** | High (typically 15A - 25A) | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded (Molded) | --- ### 2. Functional Characteristics #### A. Molded Construction The "Molded" designation means the coil is embedded within a metallic iron powder composite. This construction provides: * **Magnetic Shielding:** Minimizes electromagnetic interference (EMI) with surrounding components. * **High Saturation:** Unlike traditional ferrite cores, molded inductors exhibit "soft saturation," meaning they don't lose inductance abruptly as current increases. * **Physical Durability:** Highly resistant to mechanical shock and vibration. #### B. High Current Capability Due to its low DC resistance (DCR), the M5R68RP-R can handle significant amounts of current without excessive self-heating. This makes it ideal for the "Buck" (Step-down) converter stages of modern CPUs and GPUs. --- ### 3. Common Applications These inductors are found in high-density electronic assemblies, including: * **Computing:** VRM (Voltage Regulator Modules) for laptops and servers. * **Telecommunications:** Distributed power systems and base stations. * **Consumer Electronics:** High-end graphics cards and SSD power rails. * **Automotive:** Infotainment systems and ADAS sensors (if AEC-Q200 qualified). --- ### 4. Part Number Breakdown While manufacturer codes vary slightly (e.g., Cyntec, Mag.Layers, or Vishay styles), the code usually breaks down as follows: | Code Segment | Meaning | |:--- |:--- | | **M5** | Series/Size Code (often 5mm x 5mm footprint) | | **R68** | Inductance Value (0.68 microhenries) | | **M** | Tolerance Code (±20%) | | **RP-R** | Packaging/Special Process (e.g., Tape & Reel, RoHS compliant) |
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M5R68RP-R inductor?
    • ⤷ How does 'soft saturation' in molded inductors benefit DC-DC converter design?
    • ⤷ What is the physical footprint (dimensions) of the M5 series?