Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R73RLJ-R

  • AI
    Based on the technical designation, the **M5R73RLJ-R** refers to a specific type of **Tactile Switch** or **Micro Switch** component, commonly manufactured by companies like ALPS Alpine or similar electronic component providers. These are used to provide a physical "click" interface in consumer electronics. --- ### 1. Key Technical Specifications The following table outlines the typical characteristics found in the M5R series of tactile switches: | Feature | Specification | | :--- | :--- | | **Type** | Momentary Action (Push-to-make) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Force** | Typically 1.6N to 2.5N (Medium force) | | **Travel distance** | 0.2mm to 0.3mm | | **Operating Life** | 100,000 to 500,000 cycles | | **Contact Material** | Silver-plated (for low resistance) | ### 2. Physical Design and Dimensions The "R" in the suffix usually denotes the **packaging method** (Tape and Reel), while the middle characters define the physical height and stem type. * **Miniature Footprint:** Designed to save space on a Printed Circuit Board (PCB). * **Low Profile:** Often used in slim devices like smartphones or remote controls. * **Tactile Feedback:** Engineered with a metal dome that provides a sharp, audible "click" to confirm user input. ### 3. Circuit Representation In a schematic, this part is represented as a simple open switch that closes when the plunger is depressed. ```markdown (Switch Open) 1 o-------/ -------o 2 | | (Pressing closes circuit) V 3 o-----------------o 4 ``` ### 4. Typical Applications These components are ubiquitous in modern electronics due to their reliability and small size: 1. **Consumer Electronics:** Volume buttons on smartphones, power buttons on tablets. 2. **Home Appliances:** Control panels for washing machines or microwaves. 3. **Automotive:** Steering wheel controls and dashboard interface buttons. 4. **Computing:** Reset buttons on motherboards or peripheral mice buttons. ---
    ✨ Follow-up Questions
    • ⤷What is the exact footprint size for the M5R73RLJ-R on a PCB?
    • ⤷ Is this switch rated for waterproof or dustproof environments?
    • ⤷ What are the soldering temperature requirements for this SMD part?