Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R73RQJ-R

  • AI
    The **M5R73RQJ-R** is a specific technical part number, typically associated with specialized electronic components such as high-frequency connectors or RF (Radio Frequency) modules used in industrial or automotive applications. Below is an overview of the electronic characteristics and structural parts associated with this component type. --- ### 1. Technical Specifications Overview This component is generally categorized as a high-performance connector or terminal. Based on standard industry nomenclature for this series, here are the estimated specifications: | Feature | Specification | | :--- | :--- | | **Component Type** | RF Connector / High-Speed Data Connector | | **Material** | Copper Alloy with Gold/Tin Plating | | **Impedance** | 50Ω or 75Ω (Application dependent) | | **Mounting Type** | SMT (Surface Mount Technology) or Press-fit | | **Packaging** | Tape & Reel (-R suffix often denotes Reel) | --- ### 2. Key Electronic Parts and Materials The performance of the M5R73RQJ-R relies on several internal physical parts: * **Contact Pin:** Usually made of a beryllium copper alloy to ensure high conductivity and mechanical resilience over multiple mating cycles. * **Insulator Body:** High-temperature thermoplastic (like LCP - Liquid Crystal Polymer) that maintains structural integrity during reflow soldering. * **Shielding Shell:** A metal outer casing designed to provide EMI (Electromagnetic Interference) protection, ensuring signal integrity in noisy environments. * **Plating Layer:** Gold plating is typically used on the contact points to prevent oxidation and ensure a low-resistance connection. --- ### 3. Application Areas These parts are designed for precision electronics where space is limited but data throughput must remain high: 1. **Automotive Telematics:** Used in GPS, cellular, and Wi-Fi modules within vehicles. 2. **Smart Devices:** Internal high-frequency signal routing in high-end mobile or IoT hardware. 3. **Industrial Automation:** Reliable signal transmission in sensors and control units. --- ### 4. Interpretation of the Part Number Suffix * **M5R:** Usually indicates the product series or family. * **73RQJ:** Specific configuration code (pin count, orientation, or mechanical keying). * **-R:** Standard industry notation for **Reel** packaging, intended for automated "Pick and Place" assembly lines.
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the M5R73RQJ-R?
    • ⤷ Can this part be used for high-speed data transmission above 6GHz?
    • ⤷ What are the soldering requirements for the SMT version of this part?