Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R74XL-R

  • AI
    Based on available technical specifications, the **M5R74XL-R** is a specific electronic component typically identified as a **Resettable Fuse (PTC - Positive Temperature Coefficient)**. These devices are used for overcurrent protection in various electronic circuits. --- ### 1. General Specifications The table below highlights the typical technical characteristics of this component series: | Property | Description | | :--- | :--- | | **Component Type** | Resettable Fuse / Polymer PTC | | **Mounting Type** | Radial Leaded (Through-hole) | | **Material** | Polymeric Material | | **Function** | Overcurrent and Short-Circuit Protection | | **Reset Capability** | Automatically resets after the fault is cleared and power is removed | --- ### 2. Key Technical Parameters To understand how the M5R74XL-R functions within a circuit, you must look at these standard ratings: * **Hold Current ($I_{hold}$):** The maximum current the device can carry without tripping. * **Trip Current ($I_{trip}$):** The minimum current at which the device will switch to a high-resistance state to protect the circuit. * **Max Voltage ($V_{max}$):** The maximum voltage the device can withstand without damage when tripped. * **Max Current ($I_{max}$):** The maximum fault current the device can safely interrupt. --- ### 3. How it Works (The PTC Effect) The device operates on the principle of thermal expansion: 1. **Normal State:** Under normal current levels, the conductive particles inside the polymer form a low-resistance path. 2. **Fault State:** If an overcurrent occurs, the internal temperature rises. The polymer expands, breaking the conductive chains. 3. **Protection:** The resistance increases dramatically, reducing the current to a safe leakage level. 4. **Recovery:** Once the fault is removed and the device cools down, the polymer contracts, the conductive paths reconnect, and the fuse "resets." --- ### 4. Typical Applications Components like the M5R74XL-R are frequently found in: * **Power Supplies:** Protecting against output shorts. * **USB Ports:** Preventing damage from faulty peripherals. * **Motor Control:** Protecting against stalled motor conditions. * **Consumer Electronics:** General board-level protection. --- ### 5. Identification Code Breakdown If you are looking at the marking on the physical part: * **M5:** Often represents the series or manufacturer code. * **R:** Usually denotes "Radial" leaded style. * **74:** Typically refers to the Hold Current rating (e.g., 0.74A or 7.4A depending on the specific manufacturer's scaling). * **-R:** Often indicates RoHS compliance (Lead-free).
    ✨ Follow-up Questions
    • ⤷What is the specific Hold Current rating for the 74XL-R variant?
    • ⤷ How does a resettable PTC fuse differ from a standard thermal fuse?
    • ⤷ What are the common failure modes of a PTC resettable fuse?