Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R75RLJ-R

  • AI
    The **M5R75RLJ-R** is a specific electronic component, typically categorized as a **High-Power Wirewound Resistor** (often referred to as a "Cement Resistor" due to its ceramic housing). This part is designed to handle significant power dissipation while maintaining a stable resistance. --- ### 1. Part Number Breakdown The nomenclature usually follows specific manufacturing standards (common in brands like Royal Ohm or Ohmite): | Segment | Interpretation | Description | | :--- | :--- | :--- | | **M5** | Power Rating | Typically indicates a **5 Watt** power capacity. | | **R75** | Resistance Value | The 'R' acts as a decimal point. This is **0.75 Ohms (Ω)**. | | **L** / **J** | Tolerance | 'J' usually represents a **±5%** tolerance range. | | **R** | Packaging/Type | Often indicates "RoHS Compliant" or a specific Lead-free coating. | --- ### 2. Technical Specifications Based on the standard parameters for this series of power resistors: * **Resistance:** 0.75 Ω (low resistance, high current flow). * **Power Rating:** 5 Watts (at 70°C ambient temperature). * **Dielectric Strength:** Usually 1000V AC. * **Operating Temperature:** -55°C to +155°C (extended range for industrial use). * **Construction:** * **Core:** High-grade Alumina ceramic. * **Element:** Copper-nickel or Manganese-copper alloy wire. * **Casing:** Non-flammable ceramic (cement) filled with silica sand for heat dissipation. --- ### 3. Key Applications Because of its low resistance and high power handling, the M5R75RLJ-R is used in: 1. **Current Sensing:** Used as a shunt to measure current by monitoring the voltage drop across the 0.75Ω resistance. 2. **Inrush Current Limiting:** Protecting sensitive circuits (like power supplies) from sudden surges when first powered on. 3. **Bleeder Resistors:** Discharging high-voltage capacitors in power tools or appliances for safety. 4. **Audio Circuits:** Used in crossover networks for speakers to manage power distribution. --- ### 4. Installation Considerations ```cpp // Safety Check: Power Dissipation (P = I² * R) // If 2 Amps flow through this resistor: // P = (2^2) * 0.75 = 3 Watts. // Since the resistor is rated for 5W, it will operate safely but will be HOT. ``` * **Heat Dissipation:** These components get very hot. Ensure they are mounted away from heat-sensitive parts (like electrolytic capacitors). * **Lead Bending:** When bending the leads for PCB insertion, keep a minimum distance of 3mm from the ceramic body to avoid cracking the seal.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for a 5W cement resistor under full load?
    • ⤷ Can this resistor be used in high-frequency AC applications?
    • ⤷ What are the common failure modes for wirewound resistors?