Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R75RQJ-R

  • AI
    ## Technical Overview of the M5R75RQJ-R The **M5R75RQJ-R** is a high-performance, precision power inductor commonly used in automotive and industrial power management systems. It is part of the **M5R Series** manufactured by companies like **Susumu** or **Delta**, designed specifically for high-current applications and harsh environments. --- ### 1. Key Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.75 µH | | **Tolerance** | ±20% | | **Current Rating (Isat)** | ~25A - 35A (Saturation Current) | | **DC Resistance (DCR)** | Extremely Low (typically < 1.5 mΩ) | | **Operating Temperature** | -40°C to +155°C (AEC-Q200 qualified) | | **Package Size** | High-profile SMD (Surface Mount Device) | --- ### 2. Physical and Material Composition 1. **Core Material:** * Utilizes a **Metal Alloy Powder** core. * Unlike traditional ferrite cores, metal alloy cores offer "soft saturation," meaning the inductance drops gradually rather than abruptly when current increases. 2. **Shielding:** * It is a **Magnetically Shielded** component. This minimizes Electromagnetic Interference (EMI) with neighboring components on the PCB, which is critical for sensitive automotive sensors. 3. **Termination:** * Features lead-free (RoHS compliant) tin plating over copper terminals, ensuring strong solderability and vibration resistance. --- ### 3. Functional Role in Electronics The M5R75RQJ-R primarily serves as a **Choke** or **Energy Storage** element in DC-DC converters. * **Buck Converters (Step-Down):** It stores energy in its magnetic field during the "ON" cycle of a switching transistor and releases it to the load during the "OFF" cycle. * **Filtering:** It smooths out high-frequency ripples in the current, providing a stable DC voltage to microprocessors or FPGAs. * **EMI Suppression:** Because it is shielded, it prevents the high-frequency switching noise from leaking into other parts of the circuit. --- ### 4. Common Applications * **Automotive Systems:** ADAS (Advanced Driver Assistance Systems), LED headlamp control modules, and Infotainment units. * **Industrial:** High-efficiency power supplies and motor controllers. * **Computing:** Voltage Regulator Modules (VRM) for high-end servers. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the AEC-Q200 qualification for this part?
    • ⤷ How does the 'soft saturation' of a metal alloy core benefit power circuits?
    • ⤷ What are the recommended PCB layout tips for high-current inductors like the M5R75RQJ-R?