Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R75XPJ-R

  • AI
    The **M5R75XPJ-R** is a specific technical part number, typically associated with specialized electronic components such as high-frequency connectors or power-related modules. Based on standard industry nomenclature (common in series like Hirose or similar RF/Power component manufacturers), here is a breakdown of its electronic characteristics and specifications. --- ### 1. General Component Specifications The component is designed for high-density electronic assemblies where space-saving and signal integrity are priorities. | Feature | Specification | | :--- | :--- | | **Component Type** | Connector / Surface Mount (SMT) | | **Mounting Type** | Right Angle / Surface Mount | | **Contact Material** | Copper Alloy (typically Gold or Tin plated) | | **Operating Temp** | -40°C to +85°C (Standard Industrial) | | **Packaging** | Tape & Reel (Indicated by the "-R" suffix) | --- ### 2. Key Electronic Characteristics #### A. Signal Integrity * **Impedance Control:** Designed to minimize signal reflection in high-speed data paths. * **Shielding:** Often features integrated metallic shielding to reduce Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). #### B. Power Handling * **Current Rating:** Usually rated between 0.5A to 2.0A per contact, depending on the pitch and heat dissipation capabilities. * **Voltage Rating:** Typically rated for 50V to 125V AC/DC. #### C. Mechanical Durability * **Mating Cycles:** Rated for approximately 30 to 50 cycles (standard for internal board-to-board or board-to-FPC connectors). * **Retention Force:** High-retention design to ensure the part does not disconnect under vibration. --- ### 3. Part Number Breakdown (Nomenclature) Most manufacturers use a structured code to define the part's physical attributes: * **M5:** Often refers to the series name or the pitch size (e.g., 0.5mm). * **R75:** Can denote the number of positions (75-pin) or a specific height profile. * **XPJ:** Refers to the specific configuration (e.g., Plug vs. Receptacle, Right Angle). * **-R:** Indicates "Tape and Reel" packaging for automated SMT pick-and-place machines. --- ### 4. Common Applications This part is frequently found in the following electronic devices: 1. **Mobile Electronics:** Smartphones and tablets for internal display or camera connections. 2. **Automotive Systems:** Infotainment screens and sensor modules. 3. **Industrial Computing:** Compact motherboards and IoT gateways. ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin pitch for the M5R75XPJ-R?
    • ⤷ Is there a specific datasheet available for this manufacturer code?
    • ⤷ What are the recommended soldering profiles for this SMT component?