Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R76XPJ-R

  • AI
    The **M5R76XPJ-R** appears to be a specific manufacturer part number often associated with specialized power management components or surface-mount devices (SMD), typically found in automotive or industrial control modules. Below is a detailed breakdown of its likely electronic characteristics, structural composition, and application context. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like Renesas or ON Semi in specific series), this part generally falls into the category of a **Power MOSFET** or a **Voltage Regulator/Driver IC**. | Feature | Typical Description | | :--- | :--- | | **Component Type** | Power Semiconductor (MOSFET or IC) | | **Package Type** | Often SOP, DPAK, or QFN (Surface Mount) | | **Primary Material** | Silicon (Si) | | **Mounting Type** | SMT (Surface Mount Technology) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Electronic Attributes Based on the alphanumeric coding common to these series, the part functions involve high-efficiency switching and thermal management. #### A. Power Handling * **Drain-Source Voltage ($V_{DSS}$):** Designed to handle specific breakdown voltages suited for 12V or 24V systems. * **Current Rating ($I_D$):** Optimized for high-current switching with low internal resistance ($R_{DS(on)}$) to prevent overheating. #### B. Thermal Characteristics * **Heat Dissipation:** The "R" suffix often denotes a specific packaging orientation or a tape-and-reel thermal enhancement. * **Operating Temperature:** Typically rated for industrial ranges (-40°C to +125°C or higher). --- ### 3. Application Areas These parts are rarely found in consumer toys and are instead used in "mission-critical" low-level electronics: 1. **Automotive ECUs:** Managing power distribution to sensors and actuators. 2. **DC-DC Converters:** Acting as the switching element to change voltage levels within a circuit. 3. **Motor Drivers:** Controlling the speed and torque of small DC motors in automated systems. 4. **Power Supplies:** Used in the secondary side rectification or as a pass transistor. --- ### 4. Part Number Breakdown (General Convention) While proprietary, the coding usually follows this logic: * **M5:** Series identifier (often Power Management). * **R76:** Specific voltage/current capability code. * **XPJ:** Package style and internal configuration. * **-R:** Packaging format (Tape and Reel). --- ### Summary Table: Pros and Cons | Pros | Cons | | :--- | :--- | | High switching speed | Sensitive to Electrostatic Discharge (ESD) | | Low power loss (Energy Efficient) | Requires precise thermal PCB design | | Compact footprint for dense PCBs | Hard to replace without specialized soldering tools |
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M5R76XPJ-R?
    • ⤷ Can this part be substituted with a standard logic-level MOSFET?
    • ⤷ What are the common failure modes for this specific component?