Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R78RP-R

  • AI
    ## Overview of the M5R78RP-R The **M5R78RP-R** is a specific part number typically associated with **passive electronic components**, most commonly identified as a **Resistor Network** or a thick-film chip resistor array. These components are designed to save space on Printed Circuit Boards (PCBs) by integrating multiple resistors into a single package. --- ### Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Thick Film Resistor Array / Network | | **Resistance Value** | Defined by the code (e.g., 78R = 78 Ohms) | | **Tolerance** | Usually ±1% or ±5% (depending on specific suffix) | | **Configuration** | Multiple isolated or bussed resistors | | **Package Style** | Surface Mount Device (SMD) | | **Mounting Type** | SMT (Surface Mount Technology) | --- ### Key Electronic Components & Features 1. **Thick Film Element**: The resistive material is composed of a metal-oxide film fired onto a ceramic substrate. This provides stability and durability against environmental factors. 2. **Protective Coating**: The resistive element is covered with a glass or epoxy overcoat to prevent mechanical damage and oxidation. 3. **Terminations**: Features solderable end-caps (usually tin-plated over a nickel barrier) to ensure reliable electrical contact during the reflow soldering process. 4. **Integration**: Instead of placing four or eight individual 0603 resistors, this part allows a single placement, reducing assembly time and board real estate. --- ### Applications The M5R78RP-R is generally used in digital circuits for the following purposes: * **Pull-up/Pull-down Resistors**: Used in MCU I/O pins to define logic levels. * **Termination Resistors**: Used in high-speed data lines to prevent signal reflection. * **Current Limiting**: Used for LED arrays or small signal transistor bases. * **Bus Buffers**: Providing impedance matching for address or data buses. --- ### Typical Pin Configuration (Internal) Most parts in this series follow an **Isolated** layout: ```text Pin 1 Pin 2 Pin 3 Pin 4 | | | | [R1] [R2] [R3] [R4] | | | | Pin 8 Pin 7 Pin 6 Pin 5 ``` *(Note: Each resistor acts independently of the others within the package.)*
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and tolerance for the 'RP-R' suffix?
    • ⤷ Is the M5R78RP-R compatible with lead-free reflow soldering processes?
    • ⤷ How does a resistor array compare to discrete resistors in terms of thermal dissipation?