Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R78TQJ-R

  • AI
    Based on the part number provided, the **M5R78TQJ-R** appears to be a specialized electronic component, likely a **Voltage Regulator** or a specific **Integrated Circuit (IC)** variant within the 78-series family (commonly used for positive voltage regulation). Below is a breakdown of the electronic characteristics typically associated with this class of component. --- ### 1. Component Overview The "78" in the part number sequence usually denotes a **Positive Fixed Linear Voltage Regulator**. These components are designed to take an unstable input voltage and provide a clean, constant output voltage to protect sensitive electronic circuits. ### 2. Technical Specifications (General Estimates) While specific data sheets for "M5R" prefixes can vary by manufacturer (often proprietary or regional), the standard characteristics for a 78-series regulator are: | Feature | Description | | :--- | :--- | | **Output Type** | Fixed Positive Voltage | | **Input Voltage Range** | Typically 2V to 3V above output up to 35V DC | | **Thermal Protection** | Internal thermal-overload protection | | **Short Circuit Protection** | Internal short-circuit current limiting | | **Mounting Type** | Likely Surface Mount (indicated by "TQJ" suffix) | ### 3. Part Number Decoding Electronic part numbers are alphanumeric codes where each section represents a specific trait: * **M5R**: Often a manufacturer-specific prefix (e.g., indicating a specific factory or temperature grade). * **78**: Indicates the series (Positive Voltage Regulator). * **TQJ**: Typically refers to the **Package Type**. "TQ" often relates to a Thin Quad Flat Pack or a variation of a TO-263/D2PAK surface-mount package. * **-R**: Generally stands for **Tape and Reel** packaging, used for automated pick-and-place assembly in manufacturing. --- ### 4. Common Applications * **Microcontroller Power Supplies**: Providing stable 5V or 3.3V to CPUs. * **Local On-card Regulation**: Eliminating noise distribution problems associated with single-point regulation. * **Consumer Electronics**: Used in chargers, monitors, and audio equipment. ### 5. Circuit Implementation To ensure stability, these regulators require external capacitors. A typical implementation looks like this: ```cpp // Schematic representation of a 78-series regulator [Input Voltage] ----> (IN) [ Regulator ] (OUT) ----> [Regulated Load] (GND) | [Ground] // Required Components: // 1. Input Capacitor (e.g., 0.33uF) to filter high-frequency noise. // 2. Output Capacitor (e.g., 0.1uF) to improve transient response. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage for the M5R78TQJ-R?
    • ⤷ What are the pin configurations for the TQJ package?
    • ⤷ Can this part be substituted with a standard LM7805?