Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R78XH-R

  • AI
    The **M5R78XH-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Resistor Network** or an **Isolated Resistor Array**. These components are designed to save space on Printed Circuit Boards (PCBs) by integrating multiple resistors into a single package. --- ### 1. Key Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Part Type** | Resistor Network / Array | | **Circuit Type** | Isolated (Individual resistors with separate terminals) | | **Resistance Value** | Determined by the numerical code (e.g., "78" in specific series) | | **Tolerance** | Usually ±1% or ±5% | | **Package Style** | Convex or Concave SMD Terminal | | **Termination Style** | Solder plated (RoHS compliant) | --- ### 2. Physical Structure and Layout The "R" in the suffix often denotes the packaging type (Reel) or a specific resistance tolerance/layout. These parts usually consist of 4 or 8 resistors housed in a ceramic substrate. #### Internal Configuration Unlike "Bussed" networks where all resistors share a common pin, the **Isolated** version provides: * **Pin 1 & 2:** Resistor A * **Pin 3 & 4:** Resistor B * **Pin 5 & 6:** Resistor C * ...and so on. --- ### 3. Common Applications These parts are ubiquitous in modern electronics due to their compact footprint: 1. **Pull-up/Pull-down Resistors:** Used for digital I/O lines to ensure a stable logic state. 2. **Damping Resistors:** Placed on high-speed data buses (like DDR memory or MCU address lines) to prevent signal reflection. 3. **LED Current Limiting:** Driving multiple status LEDs with a single component. 4. **Space-Constrained Devices:** Smartphones, laptops, and IoT modules where PCB "real estate" is at a premium. --- ### 4. Advantages of Using the M5R78XH-R * **Reduced Placement Cost:** One pick-and-place operation installs multiple resistors simultaneously. * **Improved Reliability:** Fewer individual solder points compared to discrete resistors. * **Consistent Performance:** Because the resistors are manufactured on the same substrate, they share very similar thermal characteristics (TCR tracking). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the '78' code in this specific series?
    • ⤷ How does an isolated resistor array differ from a bussed resistor network?
    • ⤷ What are the recommended soldering profiles for this SMD component?