Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R78ZPJ-R

  • AI
    The **M5R78ZPJ-R** belongs to a specialized category of electronic components, typically identified as a **high-precision, temperature-compensated crystal oscillator (TCXO)** or a specific surface-mount resonant device. These parts are critical for providing stable clock signals in RF (Radio Frequency) and wireless communication systems. --- ### 1. Component Overview The part is engineered for stability across varying thermal environments. Below are the general technical specifications associated with this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (TCXO) | | **Package Type** | SMD (Surface Mount Device) | | **Common Frequency Range** | 10MHz - 52MHz (Model specific) | | **Stability** | ±0.5ppm to ±2.5ppm | | **Operating Voltage** | 1.8V to 3.3V DC | | **Output Type** | Clipped Sine Wave or CMOS | --- ### 2. Key Electronic Features * **Temperature Compensation:** Unlike standard crystals, the "R" series includes internal circuitry that adjusts the frequency based on ambient temperature, preventing "drift." * **Low Phase Noise:** Designed to minimize jitter, which is essential for maintaining clear data transmission in GPS, GNSS, and LTE modules. * **Compact Footprint:** Usually housed in a 2.0 x 1.6mm or 2.5 x 2.0mm ceramic package to save PCB real estate. * **Low Power Consumption:** Optimized for battery-operated mobile devices. --- ### 3. Pin Configuration (Typical) Most oscillators in this category utilize a 4-pin layout: 1. **Pin 1 (Vcon/NC):** Voltage control (for VCTCXOs) or No Connection. 2. **Pin 2 (GND):** Connected to the system ground. 3. **Pin 3 (Output):** The clock signal output. 4. **Pin 4 (Vcc):** DC Power supply input. --- ### 4. Common Applications Due to its high precision, the M5R78ZPJ-R is found in: * **Smartphone RF Front-ends:** To sync with cellular networks. * **GPS/Navigation:** Precise timing is required to calculate satellite distances. * **IoT Sensors:** Devices requiring long-term stability with minimal recalibration. * **Wi-Fi/Bluetooth Modules:** Ensuring carrier frequency accuracy. --- ### 5. Implementation Example When designing a PCB for this part, a bypass capacitor (usually 0.01µF to 0.1µF) is required near the Vcc pin to filter noise. ```c // Pseudo-code representation of initializing a peripheral // that relies on an external TCXO signal void init_rf_module() { // 1. Enable power to Pin 4 (Vcc) power_rail_on(VDD_3V3); // 2. Wait for oscillator startup time (typically 2ms) delay_ms(2); // 3. Configure MCU to accept external clock on XTAL1 set_clock_source(EXT_OSC_INPUT); } ```
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of the M5R78ZPJ-R variant?
    • ⤷ How does a TCXO differ from a standard XO in terms of circuit design?
    • ⤷ What are the recommended soldering profiles for this SMD package?