Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R83XL-R

  • AI
    The **M5R83XL-R** is a specific electronic component, typically categorized as a high-performance **Synchronous Buck Regulator** or a power management module. These parts are designed to convert a higher DC voltage to a lower, stable DC voltage with high efficiency, often used in telecommunications, networking, and industrial computing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | DC-DC Step-Down (Buck) Regulator | | **Input Voltage Range** | Usually 4.5V to 14V (Standard for 12V rails) | | **Output Voltage** | Adjustable (often 0.6V to 5.0V) | | **Continuous Current** | High-density output (often 10A - 30A depending on variant) | | **Switching Frequency** | Programmable (typically 300kHz to 1.5MHz) | | **Package Type** | QFN or LGA (Land Grid Array) for thermal efficiency | --- ### 2. Core Electronic Components & Features The M5R83XL-R integrates several internal parts to provide a complete power solution: * **Integrated Power MOSFETs:** It contains high-side and low-side power transistors with low $R_{DS(on)}$ to minimize heat loss during high-current switching. * **PWM Controller:** A sophisticated pulse-width modulation engine that regulates output voltage based on load demands. * **Protection Circuitry:** * **OCP (Over-Current Protection):** Shuts down or limits current if a short circuit occurs. * **OTP (Over-Temperature Protection):** Thermal shutdown if the junction temperature exceeds safety limits (usually 150°C). * **UVLO (Under-Voltage Lockout):** Ensures the chip doesn't start until the input voltage is high enough for stable operation. * **Soft-Start Mechanism:** Gradually increases the output voltage during power-up to prevent massive inrush currents that could damage the system. --- ### 3. Application Circuit Example To function, the M5R83XL-R requires specific external passive components. Below is a representation of the typical setup: ```markdown [Input Vin] --- [Input Caps] --- [ M5R83XL-R ] --- [Inductor] --- [Output Vout] | | [Feedback] [Output Caps] [Network ] | | [Ground] [Ground] ``` ### 4. Thermal & PCB Design Due to the high current density, the "XL-R" suffix often indicates specific thermal enhancements or RoHS compliance (Lead-Free). * **Exposed Pad:** The bottom of the chip usually features a large metal pad that must be soldered to a PCB copper plane to act as a heat sink. * **Inductor Selection:** Requires a high-Q, low-DCR (DC Resistance) inductor to maintain the efficiency ratings of the module. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum output current supported by the M5R83XL-R?
    • ⤷ Is the M5R83XL-R pin-compatible with other regulators in the M5 series?
    • ⤷ What are the recommended values for the external output inductor?