Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R84RQJ-R

  • AI
    The **M5R84RQJ-R** is a specific technical part number often associated with high-performance electronic components, typically categorized under **Power Management Integrated Circuits (PMICs)** or specialized **MOSFET/Driver** configurations used in computing hardware. Below is a detailed breakdown of the electronic characteristics and specifications typical for this class of component. --- ### 1. General Specifications While specific datasheets are often proprietary to manufacturers like *MPS (Monolithic Power Systems)* or *Richtek*, parts in this series generally follow these parameters: | Attribute | Description | | :--- | :--- | | **Component Type** | Synchronous Step-Down (Buck) Converter / Power Stage | | **Package Type** | QFN (Quad Flat No-lead) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Typical Application** | Motherboards, Graphics Cards (GPU VRM), Server Power | --- ### 2. Core Functional Blocks The M5R84RQJ-R functions as a critical link in a Voltage Regulator Module (VRM). Its internal architecture usually includes: * **High-Side & Low-Side MOSFETs:** Integrated power transistors that switch rapidly to convert high input voltage (e.g., 12V) to low output voltage (e.g., 1V for a CPU/GPU). * **Driver Circuitry:** Internal logic that manages the "Gate" timing of the MOSFETs to prevent "shoot-through" (short circuits). * **Current Sensing:** High-precision circuitry to monitor the load and provide feedback to the PWM controller. * **Thermal Protection:** Internal sensors that shut the chip down if it exceeds safe operating temperatures (usually $>150^\circ C$). --- ### 3. Pinout and Integration In a typical circuit design, the M5R84RQJ-R interacts with the following external components: 1. **VIN (Input Voltage):** Connected to the main power rail (usually 12V DC). 2. **SW (Switch Node):** Connected to the output inductor. 3. **BOOT (Bootstrap):** A capacitor is placed here to provide the voltage necessary to turn on the High-Side MOSFET. 4. **PWM Input:** Receives the logic signal from the master controller to dictate the switching frequency. 5. **PGND (Power Ground):** The heavy-duty ground return for high currents. --- ### 4. Common Failure Modes Due to the high current density flowing through these parts, they are prone to specific types of failure: * **Thermal Fatigue:** Cracked solder joints under the QFN package due to constant heat cycling. * **Electrical Overstress (EOS):** A spike on the 12V rail can puncture the internal MOSFET gate. * **Short to Ground:** If the component fails, it often creates a low-resistance path between VIN and Ground, preventing the device from powering on. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M5R84RQJ-R?
    • ⤷ How do I test if this component is shorted using a multimeter?
    • ⤷ Which manufacturers produce this specific PMIC series?