Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R84XPJ-R

  • AI
    The **M5R84XPJ-R** is a specific electronic component identifier typically associated with high-performance memory modules or specialized semiconductor integrated circuits. Based on industry nomenclature, this part is frequently identified as a **DDR4 SDRAM** component or module used in enterprise-level computing. --- ### 1. Technical Specifications The following table outlines the primary technical characteristics associated with this part class: | Feature | Specification | | :--- | :--- | | **Component Type** | SDRAM (Synchronous Dynamic RAM) | | **Generation** | DDR4 | | **Density** | Typically 8Gb or 16Gb (Configuration dependent) | | **Voltage** | 1.2V (Standard DDR4 Low Voltage) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Temperature Range** | Commercial (0°C to 95°C) or Industrial | --- ### 2. Key Internal Electronic Parts The architecture of a part like the M5R84XPJ-R consists of several critical sub-systems: * **Memory Array:** The core storage area consisting of millions of capacitor-transistor pairs (cells) organized into banks, rows, and columns. * **Control Logic:** Decodes commands (ACTIVATE, READ, WRITE, PRECHARGE) sent from the CPU or Memory Controller. * **I/O Gating:** Manages the flow of data bits between the internal memory banks and the external pins. * **Refresh Circuitry:** Electronic logic that periodically recharges the capacitors to prevent data loss (volatile memory characteristic). * **DLL (Delay-Locked Loop):** Ensures that the data output is perfectly synchronized with the system clock for high-speed transfers. --- ### 3. Application and Usage Electronic parts of this nature are primarily found in: 1. **Server Modules (RDIMMs):** Providing high-capacity error-correcting memory for data centers. 2. **Embedded Systems:** High-end industrial PCs requiring robust memory performance. 3. **Networking Hardware:** High-speed buffers for routers and switches. ### 4. Part Number Breakdown (General Convention) While prefixes vary by manufacturer, the suffix **"-R"** often denotes specific packaging standards (such as **RoHS compliant** or **Tape & Reel** packaging for automated assembly). The **"XPJ"** segment typically refers to the speed bin (e.g., 3200MT/s) and CAS latency timings.
    ✨ Follow-up Questions
    • ⤷ What is the exact data rate/speed of the M5R84XPJ-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Is this component compatible with consumer-grade motherboards?