Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R84ZPJ-R

  • AI
    The **M5R84ZPJ-R** is a specific electronic component, typically categorized as a high-performance **Oscillator** (often a Crystal Oscillator or a Voltage-Controlled Crystal Oscillator - VCXO). These parts are critical for providing precise timing signals in digital circuits. --- ## 1. Component Overview The part number follows a specific nomenclature used by manufacturers (often related to brands like **MtronPTI**). It is designed for high-reliability applications where frequency stability and low jitter are required. ### Key Specifications (General) | Feature | Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO / VCXO) | | **Package Type** | Surface Mount Device (SMD) | | **Supply Voltage** | Usually 3.3V or 5.0V (Standard for the M5R series) | | **Output Type** | CMOS / TTL compatible | | **Operating Temperature** | Often Industrial Grade (-40°C to +85°C) | --- ## 2. Typical Internal Construction The "electronic parts" inside this component consist of several layers integrated into a single hermetically sealed package: 1. **Quartz Crystal Blank:** The heart of the device. It is a thin slice of quartz that vibrates at a specific frequency when an electric field is applied (Piezoelectric effect). 2. **Oscillator IC:** A small silicon chip that contains the driving circuit to maintain the vibration of the crystal and the buffer to output a clean square wave. 3. **Varactor Diode (If VCXO):** Used to tune the frequency slightly by changing the input control voltage. 4. **Ceramic Substrate:** Provides the physical base and electrical connections (pads) for the SMD mounting. 5. **Kovar/Metal Lid:** Sealing the unit to protect the crystal from moisture and atmospheric interference. --- ## 3. Pinout Configuration (Standard 4-6 Pad SMD) Most oscillators in this series follow a standard pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC or Tri-state | No connection or Output Enable/Disable | | **2** | GND | Ground connection | | **3** | Output | The frequency signal (Square wave) | | **4** | Vdd | Positive power supply | --- ## 4. Common Applications Due to its precision, the M5R84ZPJ-R is found in: * **Networking Gear:** Routers, switches, and base stations. * **Data Communications:** Fiber optic modules and Ethernet controllers. * **Embedded Systems:** Microcontrollers requiring external high-speed clocks. * **Industrial Control:** High-stability timing for PLC systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency output of the M5R84ZPJ-R variant?
    • ⤷ How does the Tri-state function work in this oscillator?
    • ⤷ What are the soldering profile requirements for this SMD package?